Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7238GS Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7238GS
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7238GS Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7238GS Datasheet HTML 1Page - Infineon Technologies AG TLE7238GS Datasheet HTML 2Page - Infineon Technologies AG TLE7238GS Datasheet HTML 3Page - Infineon Technologies AG TLE7238GS Datasheet HTML 4Page - Infineon Technologies AG TLE7238GS Datasheet HTML 5Page - Infineon Technologies AG TLE7238GS Datasheet HTML 6Page - Infineon Technologies AG TLE7238GS Datasheet HTML 7Page - Infineon Technologies AG TLE7238GS Datasheet HTML 8Page - Infineon Technologies AG TLE7238GS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
PG-SSOP-24-5
Type
Package
Marking
TLE7238GS
PG-SSOP-24-5
TLE7238GS
Data Sheet
3
Rev. 1.0, 2008-10-30
SPI Driver for Enhanced Relay Control
TLE7238GS
1Overview
Features
•
8 bit SPI for diagnostics and control, providing daisy chain capability
•
Very wide range for digital supply voltage
•
Two configurable input pins offer complete flexibility for
PWM operation
•
Stable behavior at under voltage
•
Green Product (RoHS compliant)
•
AEC Qualified
Description
The TLE7238GS is an eight channel high-side and low-side power switch in PG-SSOP-24-5 package providing
embedded protective functions. It is especially designed for standard relays and LEDs in automotive applications.
The output stages incorporate two low-side, four high-side and two auto configuring high-side or low-side
switches.
A serial peripheral interface (SPI) is utilized for control and diagnosis of the device and the load. For direct control,
there are two input pins available.
The power transistors are built by N-channel power MOSFETs. The device is monolithically integrated in
Smart Power Technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com