Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7240SL Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE7240SL
Description  8 Channel Protected Low-Side Relay Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7240SL Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE7240SL Datasheet HTML 3Page - Infineon Technologies AG TLE7240SL Datasheet HTML 4Page - Infineon Technologies AG TLE7240SL Datasheet HTML 5Page - Infineon Technologies AG TLE7240SL Datasheet HTML 6Page - Infineon Technologies AG TLE7240SL Datasheet HTML 7Page - Infineon Technologies AG TLE7240SL Datasheet HTML 8Page - Infineon Technologies AG TLE7240SL Datasheet HTML 9Page - Infineon Technologies AG TLE7240SL Datasheet HTML 10Page - Infineon Technologies AG TLE7240SL Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
7
Rev. 1.1, 2009-04-15
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7240SL
Pin Configuration
15
IN3
I
PD Control Input; Digital input 3.3 V or 5V. In case of not used keep open.
14
IN4
I
PD Control Input; Digital input 3.3 V or 5V. In case of not used keep open.
18
LHI
I
PD Limp Home; Digital input 3.3 V or 5V. In case of not used keep open.
21
RST
IPD Reset input pin; Digital input 3.3 V or 5V. Low active
SPI
23
CS
IPU SPI chip select; Digital input 3.3 V or 5V.Low active
20
SCLK
I
PD serial clock; Digital input 3.3 V or 5V.
22
SI
I
PD serial data in; Digital input 3.3 V or 5V.
19
SO
O
serial data out; Digital output with voltage level referring to
V
DD.
1) O: Output, I: Input,
PD: pull-down resistor integrated,
PU pull-up resistor integrated
Pin
Symbol
I/O 1)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com