Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7240SL Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE7240SL
Description  8 Channel Protected Low-Side Relay Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7240SL Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE7240SL Datasheet HTML 7Page - Infineon Technologies AG TLE7240SL Datasheet HTML 8Page - Infineon Technologies AG TLE7240SL Datasheet HTML 9Page - Infineon Technologies AG TLE7240SL Datasheet HTML 10Page - Infineon Technologies AG TLE7240SL Datasheet HTML 11Page - Infineon Technologies AG TLE7240SL Datasheet HTML 12Page - Infineon Technologies AG TLE7240SL Datasheet HTML 13Page - Infineon Technologies AG TLE7240SL Datasheet HTML 14Page - Infineon Technologies AG TLE7240SL Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
11
Rev. 1.1, 2009-04-15
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7240SL
Input and Power Stages
5
Input and Power Stages
The SPIDER - TLE 7240SL is a eight channel low-side relay switch.
The power stages are built by N-channel vertical power MOSFET transistors.
5.1
Power Supply
The SPIDER - TLE 7240SL is supplied by two power supply lines
V
DD and VDDA.
The digital power supply line
V
DD is designed to be functional at a very wide voltage range. The analog power
supply
V
DDA supports 5 V supply.
There are power-on reset functions implemented for both supply lines. After start-up of the power supply, all SPI
registers are reset to their default values and the device is in stand-by mode. Capacitors at pins
V
DD -GND and
V
DDA -GND are recommended.
There is a reset pin available. Low level at this pin causes all registers to be set to their default values and the
quiescent supply currents are minimized.
5.1.1
Limp Home Mode
The SPIDER - TLE 7240SL offers the capability of driving dedicated channels during eventual fail-safe operation
of the system. This limp home mode is activated by a high signal at pin LHI. In this mode, the SPI registers are
reset and the input pins are directly routed to their corresponding channels OUT1 to OUT4, see Table 2 for details.
OUT5 to OUT8 are turned off in limp home mode. Furthermore, the SPI is ignored and all input pin are referred to
V
DDA in order to ensure a defined operation mode if the digital supply or the microcontroller fail.
A high signal on LHI overrides a Reset signal on RST. In case of a limp home during standby the device will
therefore wake up and enter the limp home mode.
After limp home operation all registers are reset and the device enters in standby mode following low logic RST
state, or returns to idle (all channels OFF). Next SPI transmission will receive a TER Flag.
Table 2
Routing during limp home mode
5.2
Input Circuit
There are four input pins available at SPIDER - TLE 7240SL, which can be configured to be used for control of
the output stages. The INn parameter of the SPI selects the input pin to be used. Figure 4 shows the input circuit
of SPIDER - TLE 7240SL.
During Limp home mode a default routing is switched and the SPI commands are ignored.
Input
controlled
Output
IN1
OUT1
IN2
OUT2
IN3
OUT3
IN4
OUT4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com