Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7240SL Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE7240SL
Description  8 Channel Protected Low-Side Relay Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7240SL Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE7240SL Datasheet HTML 20Page - Infineon Technologies AG TLE7240SL Datasheet HTML 21Page - Infineon Technologies AG TLE7240SL Datasheet HTML 22Page - Infineon Technologies AG TLE7240SL Datasheet HTML 23Page - Infineon Technologies AG TLE7240SL Datasheet HTML 24Page - Infineon Technologies AG TLE7240SL Datasheet HTML 25Page - Infineon Technologies AG TLE7240SL Datasheet HTML 26Page - Infineon Technologies AG TLE7240SL Datasheet HTML 27Page - Infineon Technologies AG TLE7240SL Datasheet HTML 28Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7240SL
Serial Peripheral Interface (SPI)
Data Sheet
24
Rev. 1.1, 2009-04-15
8.4.18
Output enable time (falling CS to
SO valid)
tSO(en)
200
ns
CL = 50 pF
1)
8.4.19
Output disable time (rising CS to
SO tri-state)
tSO(dis)
200
ns
CL = 50 pF
1)
8.4.20
Output data valid time with
capacitive load
tSO(v)
100
ns
CL = 50 pF
1)
1) Not subject to production test, specified by design.
2) Diagnosis flag update needs the time specified in Chapter 7.1 to get valid information
Electrical Characteristics: Serial Peripheral Interface (SPI)
All voltages with respect to ground, positive current flowing into pin
unless otherwise specified:
V
DD = 3.0 V to VDDA, VDDA= 4.5V to 5.5V, Tj = -40 °C to +150 °C
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com