Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7240SL Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE7240SL
Description  8 Channel Protected Low-Side Relay Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7240SL Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE7240SL Datasheet HTML 19Page - Infineon Technologies AG TLE7240SL Datasheet HTML 20Page - Infineon Technologies AG TLE7240SL Datasheet HTML 21Page - Infineon Technologies AG TLE7240SL Datasheet HTML 22Page - Infineon Technologies AG TLE7240SL Datasheet HTML 23Page - Infineon Technologies AG TLE7240SL Datasheet HTML 24Page - Infineon Technologies AG TLE7240SL Datasheet HTML 25Page - Infineon Technologies AG TLE7240SL Datasheet HTML 26Page - Infineon Technologies AG TLE7240SL Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
23
Rev. 1.1, 2009-04-15
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7240SL
Serial Peripheral Interface (SPI)
8.4
SPI Characteristics
Note: Characteristics show the deviation of parameter at given supply voltage and junction temperature. Typical
values show the typical parameters expected from manufacturing.
Electrical Characteristics: Serial Peripheral Interface (SPI)
All voltages with respect to ground, positive current flowing into pin
unless otherwise specified:
V
DD = 3.0 V to VDDA, VDDA= 4.5V to 5.5V, Tj = -40 °C to +150 °C
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Input Characteristics (CS, SCLK, SI)
8.4.1
L level of pin
CS
SCLK
SI
VCS(L)
VSCLK(L)
VSI(L)
00.2*
VDD
8.4.2
H level of pin
CS
SCLK
SI
VCS(H)
VSCLK(H)
VSI(H)
0.4*
V
DD
VDD
8.4.3
L-input pull-up current through CS ICS(L)
317
40
µA
VCS = 0 V
8.4.4
H-input pull-up current through CS ICS(H)
315
40
µA
1)
VCS = 0.4*VDD
8.4.5
L-input pull-down current through
pin
SCLK
SI
ISCLK(L)
ISI(L)
312
80
µA
1)
VSCLK = 0.6 V
VSI = 0.6 V
8.4.6
H-input pull-down current through
pin
SCLK
SI
ISCLK(H)
ISI(H)
10
40
80
µA
VSCLK = VDD
VSI = VDD
Output Characteristics (SO)
8.4.7
L level output voltage
VSO(L)
00.6
V
ISO = -2 mA
8.4.8
H level output voltage
VSO(H)
V
DD -
0.4 V
V
DD
ISO = 1.5 mA
8.4.9
Output tristate leakage current
ISO(OFF)
-10
10
µA
V
CS = VDD
Timings
8.4.10
Serial clock frequency
fSCLK
05
MHz
1)
8.4.11
Serial clock period
tSCLK(P)
200
ns
1)
8.4.12
Serial clock high time
tSCLK(H)
50
ns
1)
8.4.13
Serial clock low time
tSCLK(L)
50
ns
1)
8.4.14
Enable lead time (falling CS to
rising SCLK)
tCS(lead)
250
ns
1)
8.4.15
Enable lag time (falling SCLK to
rising CS)
tCS(lag)
250
ns
1)
8.4.16
Transfer delay time (rising CS to
falling CS)
tCS(td)
250
ns
1)2)
8.4.17
Data setup time (required time SI to
falling SCLK)
tSI(su)
20
ns
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com