Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7243SL Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE7243SL
Description  8 Channel Protected Low-Side Relay Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7243SL Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE7243SL Datasheet HTML 2Page - Infineon Technologies AG TLE7243SL Datasheet HTML 3Page - Infineon Technologies AG TLE7243SL Datasheet HTML 4Page - Infineon Technologies AG TLE7243SL Datasheet HTML 5Page - Infineon Technologies AG TLE7243SL Datasheet HTML 6Page - Infineon Technologies AG TLE7243SL Datasheet HTML 7Page - Infineon Technologies AG TLE7243SL Datasheet HTML 8Page - Infineon Technologies AG TLE7243SL Datasheet HTML 9Page - Infineon Technologies AG TLE7243SL Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE7243SL
Pin Configuration
Datasheet
6
Rev. 1.0, 2009-09-30
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin Configuration
3.2
Pin Definitions and Functions
20
Pin
Symbol
I/O 1)
Function
Power Supply
13
VDD
-
Digital Supply Voltage; Connected to 3.3V or 5V Voltage with Reverse
protection Diode and Filter against EMC
24
VDDA
-
Analog Supply Voltage; Connected to 5V Voltage with Reverse
protection Diode and Filter against EMC
1,2,11,12 GND
-
Ground; common ground for digital, analog and power
Power Stages
3OUT1
O
Output Channel 1; Drain of power transistor channel 1
4OUT2
O
Output Channel 2; Drain of power transistor channel 2
5OUT3
O
Output Channel 3; Drain of power transistor channel 3
6OUT4
O
Output Channel 4; Drain of power transistor channel 4
7OUT5
O
Output Channel 5; Drain of power transistor channel 5
8OUT6
O
Output Channel 6; Drain of power transistor channel 6
9OUT7
O
Output Channel 7; Drain of power transistor channel 7
10
OUT8
O
Output Channel 8; Drain of power transistor channel 8
Inputs
17
IN1
I
PD Control Input; Digital input 3.3 V or 5V. In case of not used keep open.
16
IN2
I
PD Control Input; Digital input 3.3 V or 5V. In case of not used keep open.
Pinout.emf
(top view )
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OUT2
OUT3
OUT4
OUT5
GND
GND
OUT1
GND
GND
OUT6
OUT7
OUT8
IN2
IN3
CS
SCLK
IN1
SI
SO
RST
LHI
IN4
VDDA
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com