Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7243SL Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE7243SL
Description  8 Channel Protected Low-Side Relay Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7243SL Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE7243SL Datasheet HTML 16Page - Infineon Technologies AG TLE7243SL Datasheet HTML 17Page - Infineon Technologies AG TLE7243SL Datasheet HTML 18Page - Infineon Technologies AG TLE7243SL Datasheet HTML 19Page - Infineon Technologies AG TLE7243SL Datasheet HTML 20Page - Infineon Technologies AG TLE7243SL Datasheet HTML 21Page - Infineon Technologies AG TLE7243SL Datasheet HTML 22Page - Infineon Technologies AG TLE7243SL Datasheet HTML 23Page - Infineon Technologies AG TLE7243SL Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE7243SL
Serial Peripheral Interface (SPI)
Datasheet
20
Rev. 1.0, 2009-09-30
CS Low to High transition:
Data from shift register is transferred into the input matrix register only, when after the falling edge of CS exactly
a multiple (1, 2, 3, …) of eight SCLK signals have been detected, while the minimum valid length is of course 16
clocks for the 16 register bits of SPIDER - TLE7243SL.
SCLK - Serial Clock:
This input pin clocks the internal shift register. The serial input (SI) transfers data into the shift register on the falling
edge of SCLK while the serial output (SO) shifts diagnostic information out on the rising edge of the serial clock.
It is essential that the SCLK pin is in low state whenever chip select CS makes any transition.
SI - Serial Input:
Serial input data bits are shifted in at this pin, the most significant bit first. SI information is read on the falling edge
of SCLK. Please refer to Section 8.3 for further information.
SO - Serial Output:
Data is shifted out serially at this pin, the most significant bit first. SO is in high impedance state until the CS pin
goes to low state. New data will appear at the SO pin following the rising edge of SCLK. Please refer to Section 8.3
for further information.
8.2
Daisy Chain Capability
The SPI of SPIDER - TLE7243SL provides daisy chain capability. In this configuration several devices are
activated by the same CS signal MCS. The SI line of one device is connected with the SO line of another device
(see Figure 10), which builds a chain. The ends of the chain are connected with the output and input of the master
device, MO and MI respectively. The master device provides the master clock MCLK, which is connected to the
SCLK line of each device in the chain.
Figure 10
Daisy Chain Configuration
In the SPI block of each device, there is one shift register where one bit from SI line is shifted in each SCLK. The
bit shifted out can be seen at SO. After 16 SCLK cycles, the data transfer for one SPIDER - TLE7243SL has been
finished. In single chip configuration, the CS line must go high to make the device accept the transferred data. In
daisy chain configuration the data shifted out at device #1 has been shifted in to device #2. When using multiple
devices in daisy chain, the number of bits must be correspond with the number of register bits. Figure 11 is
showing a example with 3 SPI devices, where #1 and #3 are 16 bit SPI and #2 has a 8 bit SPI. To get a successful
transmission, there have to be 2* 16 bit + 1* 8bit shifted through the devices. After that, the MCS line must go high.
SI
device 1
SPI
SO
SI
device 2
SPI
SO
SI
device 3
SPI
SO
MO
MI
MCS
MCLK
SPI_DasyChain.emf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com