Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7243SL Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE7243SL
Description  8 Channel Protected Low-Side Relay Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7243SL Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE7243SL Datasheet HTML 6Page - Infineon Technologies AG TLE7243SL Datasheet HTML 7Page - Infineon Technologies AG TLE7243SL Datasheet HTML 8Page - Infineon Technologies AG TLE7243SL Datasheet HTML 9Page - Infineon Technologies AG TLE7243SL Datasheet HTML 10Page - Infineon Technologies AG TLE7243SL Datasheet HTML 11Page - Infineon Technologies AG TLE7243SL Datasheet HTML 12Page - Infineon Technologies AG TLE7243SL Datasheet HTML 13Page - Infineon Technologies AG TLE7243SL Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE7243SL
General Product Characteristics
Datasheet
10
Rev. 1.0, 2009-09-30
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards.
For more information, go to www.jedec.org.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Digital supply voltage
V
DD
3.0
5.5
V
–
4.2.1
Analog supply voltage
V
DDA
4.5
5.5
V
–
4.2.2
extended supply range
V
DDA
4.0
4.5
parameter
deviations are
possible
4.2.3
Digital Supply current in reset mode
I
DD(RST)
–10
µA
Tj = 85 °C
4.2.4
Digital supply current
(all channels active)
I
DD(ON)
–0.5
mA
V
DD = VDDA = 5 V
V
RST = VCS = V
DD
VSCLK = 0 V
VIN = 0 V
4.2.5
Analog supply current
(all channels active)
I
DDA(ON)
–5mA
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.3.6
Junction to Soldering Point
R
thJSP
––
25
K/W
1) 2)
1) Not subject to production test, specified by design
2) Specified
R
thJSP value is simulated at natural convection on a cold plate setup (all pins are fixed to ambient temperature).
T
a = 25 °C. LS1 to LS8 are dissipating 1 W power (0.125 W each).
4.3.7
Junction to Ambient
(1s0p+600mm2Cu)
R
thJA
–68
–
K/W
1) 3)
3) Specified
R
thJA value is according to Jedec JESD51-2,-3 at natural convection on FR4 1s0p board; The product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with additional heatspreading copper area of 600mm2
and 70
μm thickness. T
a = 25 °C, LS1 to LS8 are dissipating 1 W power (0.125 W each).
4.3.8
Junction to Ambient (2s2p)
R
thJA
–60
–
K/W
1) 4)
4) Specified
R
thJA value is according to Jedec JESD51-2,-7 at natural convection on FR4 2s2p board; The product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70
μm Cu, 2 x 35 μm Cu).
T
a = 25 °C, LS1 to LS8 are dissipating 1 W power (0.125 W each).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com