Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7243SL Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE7243SL
Description  8 Channel Protected Low-Side Relay Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7243SL Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE7243SL Datasheet HTML 20Page - Infineon Technologies AG TLE7243SL Datasheet HTML 21Page - Infineon Technologies AG TLE7243SL Datasheet HTML 22Page - Infineon Technologies AG TLE7243SL Datasheet HTML 23Page - Infineon Technologies AG TLE7243SL Datasheet HTML 24Page - Infineon Technologies AG TLE7243SL Datasheet HTML 25Page - Infineon Technologies AG TLE7243SL Datasheet HTML 26Page - Infineon Technologies AG TLE7243SL Datasheet HTML 27Page - Infineon Technologies AG TLE7243SL Datasheet HTML 28Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Datasheet
25
Rev. 1.0, 2009-09-30
SPI Driver for Enhanced Relay Control
SPIDER - TLE7243SL
Application Information
9
Application Information
Note: The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device.
Figure 13 shows a simplified application circuit. VDD and VDDA need to be externally reverse polarity protected.
Figure 13
Application Diagram
Note: This is a very simplified example of an application circuit. The function must be verified in the real application.
For further information you may contact http://www.infineon.com/spider
GND
SPI
GND
GND
VCC
Vbat
+5V
VDD
VDD
100nF
SO
SCLK
SI
CS
IN2
IN1
TLE7243SL.emf
SPI
OUT1
OUT2
OUT3
OUT4
OUT8
low-side
gate control
IN3
LHI
Limp Home Signal
(eg WD out of SBC TLE 8264 G Hermes)
IN4
OUT5
OUT6
OUT7
VDDA
µC
XC2000
RST
KL15 Relay
KL50 Relay
Wiper Relay
Horn Relay
GPIO
Limp Home Circuit
Possibility to control OUT 1-
4 via Inputs IN1-4 during
malfunction of µC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com