Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS1071 Datasheet(PDF) 3 Page - International Rectifier

Part # IRMCS1071
Description  Sensorless Motor Drive Platform for Appliance Based on iMOTIONTM Chipset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS1071 Datasheet(HTML) 3 Page - International Rectifier

  IRMCS1071 Datasheet HTML 1Page - International Rectifier IRMCS1071 Datasheet HTML 2Page - International Rectifier IRMCS1071 Datasheet HTML 3Page - International Rectifier IRMCS1071 Datasheet HTML 4Page - International Rectifier IRMCS1071 Datasheet HTML 5Page - International Rectifier IRMCS1071 Datasheet HTML 6Page - International Rectifier IRMCS1071 Datasheet HTML 7Page - International Rectifier IRMCS1071 Datasheet HTML 8Page - International Rectifier IRMCS1071 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRMCS1071
Overview
IRMCS1071 is a reference design platform for inverter-controlled appliance motor drive applications based
on iMOTION
TM chipset. It contains IRMCK171 digital motion control IC, and IRAM336-025SB, integrated
power module.
IRMCK171 is International Rectifier’s new integrated circuit device primarily designed as a one-chip
solution for sensorless permanent magnet motor control in appliance applications. Unlike a traditional
microcontroller or DSP, IRMCK171 provides a built-in closed loop sensorless control algorithm using a
unique Motion Control Engine (MCE
TM) for surface/interior permanent magnet motors with sinusoidal back
EMF. IRMCK171 also employs a unique single shunt current reconstruction circuit to eliminate additional
analog/digital circuitry and enables a direct shunt resistor interface to the IC. The MCE
TM consists of a
collection of control elements, motion peripherals, a dedicated motion control sequencer and dual port RAM
to map internal signal nodes. Motion control programming is achieved by using a dedicated graphical
compiler integrated into the MATLAB/Simulink
TM development environment. Sequencing, user interface,
host communication, and upper layer control tasks can be implemented in the 8051 high-speed 8-bit
microcontroller. The 8051 microcontroller is equipped with a JTAG port to facilitate emulation and
debugging tools. Figure 1 shows a typical application schematic using the IRMCK171.
IRMCK171 has 32K bytes of program OTP and 12K of program RAM. At power up, 12K of the program
stored in OTP is copied to RAM for high speed execution by the MCE processor. The 8051 program is
executed directly form OTP by the 8051 processor. The IC on the reference board comes with
preprogrammed OTP. Both 8051 application program and MCE firmware is ready for execution. IRMCK171
comes in a 48-pin QFP package.
IRAM336-025SB is an integrated power module developed and optimized for appliance motor control.
Together with IRMCK171 it offers highly integrated solution for single shunt PM motor control. The module
has several built-in protection features such as temperature feedback, shoot through prevention, under
voltage lockout and shutdown. Furthermore, the module features a combination of highly efficient high
voltage MOSFETs and the industry benchmark 3-phase HVIC driver. The bootstrapped power supplies for
the high side drivers can be generated using internal bootstrap diodes eliminating the need for isolated
power supplies.
IRMCK171
Switch
Mode
Power
Supply
HVIC
Gate Drive
&
Protection
Circuit
Up to 12 Digital
Input/Output
I2C Interface
5 Analog Input
Appliance Inverter
3.3V
Passive
EMI
Filter
UART interface
Motor
(PMSM or IM)
Figure 1 Typical Application Block Diagram Using IRMCK171
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com