Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS1071 Datasheet(PDF) 10 Page - International Rectifier

Part # IRMCS1071
Description  Sensorless Motor Drive Platform for Appliance Based on iMOTIONTM Chipset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS1071 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRMCS1071 Datasheet HTML 3Page - International Rectifier IRMCS1071 Datasheet HTML 4Page - International Rectifier IRMCS1071 Datasheet HTML 5Page - International Rectifier IRMCS1071 Datasheet HTML 6Page - International Rectifier IRMCS1071 Datasheet HTML 7Page - International Rectifier IRMCS1071 Datasheet HTML 8Page - International Rectifier IRMCS1071 Datasheet HTML 9Page - International Rectifier IRMCS1071 Datasheet HTML 10Page - International Rectifier IRMCS1071 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRMCS1071
Specifications
TC = 25°C unless specified
Parameters
Values
Conditions
Input Power
Voltage
115V-230Vrms, -20%, +10%
Frequency
50/60 Hz
Input current
2A rms @nominal output
TA =40°C, RthSA=1.0 °C/W
Input line impedance
4%
∼8% recommended
Output Power
Watts
200W continuous power
Vin=230V AC, fPWM=10kHz, fO=60Hz,
TA=40°C, RthSA=1.0 °C/W,
Vertically mounted to help air flow
Current
0.6 ARMS nominal
RthSA limits
∆TC to 10°C during
overload
Host interface (RS232C)
TXD, RXD
10V
Typical 57.6 Kbps, single ended
JTAG interface
TMS, TDI, TCK, TDO
3.3V
Interface with FS2 debugger
D/A
8- bit 2 Channel
0-3.3V output
8051 software needs modification to use
it.
A/D
12-bit
0 – 1.2V
DC bus, single shunt current, AIN1-AIN4
DC bus voltage
Maximum DC bus voltage
400V
Should not exceed 400V more than 30
sec
Minimum DC bus voltage
120V
Current feedback
Current sensing device
Single shunt reconstruction
Resolution
12-bit
PCB design may reduce the resolution
Latency
1 pwm cycle
Protection
Output current trip level
1.2A peak, typical
Detection from shunt on negative DC
bus
Short circuit delay time
Maximum 5 µsec
line-to-line short, line-to-DC bus (-) short
Critical over voltage trip
380V
Re-scalable
Over voltage trip
360V
Re-scalable
Under voltage trip
120V
Re-scalable
Power Device
IRAM336-025SB
6 MOSFET + IR2136 gate driver +3
bootstrap diode + NTC
System environment
Ambient temperature
0 to 40
°C
95% RH max. (Non-condensing)
Table 1 IRMCS1071 Electrical Specification
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com