Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS1071 Datasheet(PDF) 8 Page - International Rectifier

Part # IRMCS1071
Description  Sensorless Motor Drive Platform for Appliance Based on iMOTIONTM Chipset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS1071 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRMCS1071 Datasheet HTML 3Page - International Rectifier IRMCS1071 Datasheet HTML 4Page - International Rectifier IRMCS1071 Datasheet HTML 5Page - International Rectifier IRMCS1071 Datasheet HTML 6Page - International Rectifier IRMCS1071 Datasheet HTML 7Page - International Rectifier IRMCS1071 Datasheet HTML 8Page - International Rectifier IRMCS1071 Datasheet HTML 9Page - International Rectifier IRMCS1071 Datasheet HTML 10Page - International Rectifier IRMCS1071 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IRMCS1071
Crystal
A 4 MHz crystal is used to generate the system clock. Actual system frequency is adjustable by changing
Phase Locked Loop configuration through Special Function Registers. For more information regarding the
clock, please refer to the IRMCK171/IRMCK143 Reference Manual.
Reset Circuit
IRMCK171 doesn’t require external RC circuit for reset. The reset switch can be used to initialize the JTAG
debugger. For more information regarding reset, please refer to the IRMCK171/IRMCK143 Reference
Manual.
EEPROM
The board is equipped by an EEPROM. With the provided setup the EEPROM is not used but it provides
the user with the option of storing drive parameters etc.
Digital I/O
Only some of the digital I/O’s are used in IRMCS1071. However, all general purpose I/O’s are connected to
a header (J2). In addition, a number of test points have been added for easy debug of the system.
Analog Input
Analog channels are connected to test points for ease of use.
Single Shunt Current Feedback
IRMCK171 contains an high speed Operational Amplifier for single shunt current reconstruction. Resistors
and capacitors for amplifier circuit are placed very close to the pins. Note that there is a separate trace from
shunt resistor instead of sharing a plane with negative DC bus ground to get better current feedback.
Socket
The control IC is mounted in a 48 pin socket to make replacement easy. If the user wishes to update the
IC’s software, e.g. when updating the 8051 program, replacement can be done without soldering.
IRAM
IRAM336-025SB in mounted on a heat sink. Voltage across a 500 mΩ shunt is fed to ‘Itrip’ pin of IR2136
high voltage gate driver IC through low pass filter with 400 nsec time constant to initiate the over-current
shutdown (Gatekill). For more information regarding IRAM, please refer to IRAM datasheet.
Power Supply
Switch mode power supply operates at about 80 kHz and generates 15V(VCC), 3.3V and isolated 5V. 6.5V
(VPP) is generated from 15V by a linear regulator.
EMI Filter
Passive EMI filter on the board consists of two 0.1 µF X-caps and two 2.2 nF Y-caps and a 1 mH common
mode inductor.
DC Bus Capacitor
A 100 µF, 400 V, 85
°C electrolytic capacitor is used to supply instantaneous power to the IRAM.
IRMCS1071 does not have a dynamic braking unit. In case of field weakening operation, it is recommended
to use an external regenerative unit or a braking unit for safety. GND and DCP can be used for connecting
an external unit.
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com