Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS1071 Datasheet(PDF) 1 Page - International Rectifier

Part # IRMCS1071
Description  Sensorless Motor Drive Platform for Appliance Based on iMOTIONTM Chipset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS1071 Datasheet(HTML) 1 Page - International Rectifier

  IRMCS1071 Datasheet HTML 1Page - International Rectifier IRMCS1071 Datasheet HTML 2Page - International Rectifier IRMCS1071 Datasheet HTML 3Page - International Rectifier IRMCS1071 Datasheet HTML 4Page - International Rectifier IRMCS1071 Datasheet HTML 5Page - International Rectifier IRMCS1071 Datasheet HTML 6Page - International Rectifier IRMCS1071 Datasheet HTML 7Page - International Rectifier IRMCS1071 Datasheet HTML 8Page - International Rectifier IRMCS1071 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet No. PD60362
IRMCS1071
Sensorless Motor Drive Platform for Appliance
Based on iMOTIONTM Chipset
Features
IRMCK171 - iMOTION
TM digital control IC - based
system
MCE
TM (Motion Control Engine) - high efficiency
sinusoidal sensorless control of Permanent Magnet
motors
Supports both interior and surface permanent
magnet motor sensorless control
Single shunt current feedback reconstruction
No external current or voltage sensing OP amp
circuit required
230V/250W output power with IRAM336-025SB,
iMOTION
TM Integrated Power Module
Bootstrap diode included in IRAM336-025SB
Loss minimization Space Vector PWM
Two-channel analog output (PWM)
Embedded 8-bit high speed microcontroller (8051)
for flexible I/O and man-machine interface
Isolated JTAG programming port for
emulation/debugger
I
2C serial interface
MCE Designer
TM tool for easy operation
Flexible drive configuration
RS232 interface
Over-current fault protection
Over-voltage / Under-voltage protection
Zero Vector Braking control
EMI Filter included
Product Summary
Continuous output current
0.6 Arms*
Maximum output current
0.9 Apeak**
Maximum Internal clock
128 MHz
Sensorless control computation time
48 µsec max
MCE program RAM
12K bytes
Data RAM
2K bytes
Program OTP
20K bytes min
A/D input channels
5
A/D converter resolution
12 bits
A/D converter conversion speed
2 µsec
Analog output (D/A) resolution
8 bits
RS232C baud rate (typ.)
57.6K bps
* Upgradeable to higher current with larger heat sink
** Limited by current feedback gain resistor values.
Description
IRMCS1071 is a reference design for IRMCK171, which is a high performance motion control IC designed primarily for
appliance applications. It’s mainly aimed to achieve simple, low cost and high performance solutions for advanced appliance
motor control. The system contains an integrated power module, IRAM336-025SB, which is also a part of iMOTION
TM
chipset. The user can readily evaluate high performance sensorless control with MCEDesigner
TM software without spending
development effort usually required in the traditional DSP or microcontroller based system. The complete B/Ms, schematics
and layout are provided so that the user can adapt and tailor the design per application needs.
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.


Similar Part No. - IRMCS1071

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCS201 IRF-IRMCS201 Datasheet
159Kb / 1P
Single Axis Servo Drive Design Platform AcceleratorTM based System Manual
IRMCS2011 IRF-IRMCS2011 Datasheet
859Kb / 25P
Complete Encoder Based Servo Drive Design Platform iMOTION Development System
IRMCS2013 IRF-IRMCS2013 Datasheet
535Kb / 26P
Encoder Based Low Voltage Servo Drive Design Platform
IRMCS203 IRF-IRMCS203 Datasheet
158Kb / 1P
Low cost complete sensorless drive design platform
IRMCS2031 IRF-IRMCS2031 Datasheet
193Kb / 18P
Complete Sensorless Drive Design Platform iMOTION Development System
More results

Similar Description - IRMCS1071

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCS2031 IRF-IRMCS2031 Datasheet
193Kb / 18P
Complete Sensorless Drive Design Platform iMOTION Development System
IRAMS06UP60B IRF-IRAMS06UP60B Datasheet
407Kb / 18P
Plug N Drive Integrated Power Module for Appliance Motor Drive
IRMCS2033 IRF-IRMCS2033 Datasheet
622Kb / 21P
Low Voltage Sensorless Drive Design Platform for Permanent Magnet Motors
IRAMS10UP60APBF IRF-IRAMS10UP60APBF Datasheet
639Kb / 17P
Plug N Drive??Integrated Power Module for Appliance Motor Drive
IRMCS2031 IRF-IRMCS2031_07 Datasheet
410Kb / 21P
Complete Sensorless Drive Design Platform iMOTIONTM Development System
IRMCS3041 IRF-IRMCS3041 Datasheet
339Kb / 11P
Sensorless Motor Drive Platform for Appliance Based on iMOTION Chipset
IRMCS3043 IRF-IRMCS3043 Datasheet
3Mb / 11P
Sensorless Motor Drive Platform with Integrated PFC for Appliance Based on iMOTIONTM Chipset
logo
Advantech Co., Ltd.
FWA-3220 ADVANTECH-FWA-3220 Datasheet
472Kb / 2P
1U Rackmount Network Appliance based on the Intel짰 Platform for Communications Infrastructure
logo
STMicroelectronics
UM0442 STMICROELECTRONICS-UM0442 Datasheet
777Kb / 33P
Multiple application platform based on STR750FV2
30-Aug-2007
logo
International Rectifier
IRMCS203 IRF-IRMCS203 Datasheet
158Kb / 1P
Low cost complete sensorless drive design platform
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com