Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4269 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4269
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4269 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4269 Datasheet HTML 1Page - Infineon Technologies AG TLE4269 Datasheet HTML 2Page - Infineon Technologies AG TLE4269 Datasheet HTML 3Page - Infineon Technologies AG TLE4269 Datasheet HTML 4Page - Infineon Technologies AG TLE4269 Datasheet HTML 5Page - Infineon Technologies AG TLE4269 Datasheet HTML 6Page - Infineon Technologies AG TLE4269 Datasheet HTML 7Page - Infineon Technologies AG TLE4269 Datasheet HTML 8Page - Infineon Technologies AG TLE4269 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TLE 4269
Data Sheet
5
Rev. 2.4, 2007-03-20
Circuit Description
The control amplifier compares a reference voltage, made highly accurate by resistance
balancing, with a voltage proportional to the output voltage and drives the base of the
series PNP transistor via a buffer. Saturation control as a function of the load current
prevents any over-saturation of the power element.
The reset output RO is in high-state if the voltage on the delay capacitor
C
D is greater or
equal
V
UD. The delay capacitor CD is charged with the current ID for output voltages
greater than the reset threshold
V
RT. If the output voltage gets lower than VRT (‘reset
condition’) a fast discharge of the delay capacitor
C
D sets in and as soon as VD gets
lower than
V
LD the reset output RO is set to low-level.
The time gap for the delay capacitor discharge is the reset reaction time
t
RR.
The reset threshold
V
RT can be decreased via an external voltage divider connected to
the pin RADJ. In this case the reset condition is reached if
V
Q < VRT
and
V
RADJ < VRAQDJ, TH. Dimensioning the voltage divider (Figure 5) according to:
V
THRES = VRADJ,TH × (RADJ1 + RADJ2) / RADJ2,(1)
the reset threshold can be decreased down to 3.5 V. If the reset-adjust-option is not
needed the RADJ-pin should be connected to GND causing the reset threshold to go to
its default value (typ. 4.65 V).
A built in comparator compares the signal of the pin SI, normally fed by a voltage divider
from the input voltage, with the reference and gives an early warning on the pin SO. It is
also possible to superwise another voltage e.g. of a second regulator, or to build a
watchdog circuit with few external components.
Application Description
The input capacitor
C
I is necessary for compensating line influences. Using a resistor of
approx. 1
Ω in series with C
I, the oscillating circuit consisting of input inductivity and input
capacitance can be damped. The output capacitor
C
Q is necessary for the stability of the
regulating circuit. Stability is guaranteed at values
≥ 10 µF and an ESR ≤ 10 Ω within the
operating temperature range. For small tolerances of the reset delay the spread of the
capacitance of the delay capacitor and its temperature coefficient should be noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com