Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4269 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4269
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4269 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4269 Datasheet HTML 4Page - Infineon Technologies AG TLE4269 Datasheet HTML 5Page - Infineon Technologies AG TLE4269 Datasheet HTML 6Page - Infineon Technologies AG TLE4269 Datasheet HTML 7Page - Infineon Technologies AG TLE4269 Datasheet HTML 8Page - Infineon Technologies AG TLE4269 Datasheet HTML 9Page - Infineon Technologies AG TLE4269 Datasheet HTML 10Page - Infineon Technologies AG TLE4269 Datasheet HTML 11Page - Infineon Technologies AG TLE4269 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Data Sheet
8
Rev. 2.4, 2007-03-20
TLE 4269
Operating Range
Input voltage
V
I
–45
V
–
Junction temperature
T
j
-
40
150
°C–
Thermal Data
Junction-ambient
R
thja
–
–
–
200
70
70
K/W
K/W
K/W
PG-DSO-8-16
PG-DSO-14-30
PG-DSO-20-35
Junction-pin
R
thjp
–
–
30
30
K/W
K/W
PG-DSO-14-30
1)
PG-DSO-20-35
1)
1) Measured to Pin 4
Table 5
Characteristics
V
I = 13.5 V; Tj = -40 °C < Tj < 125 °C
Parameter
Symbol
Limit Values
Unit Measuring
Condition
Min.
Typ.
Max.
Output voltage
V
Q
4.90
5.00
5.10
V
1 mA
≤ I
Q ≤ 100 mA,
6 V
≤ V
I ≤ 16 V
Current limit
I
Q
150
200
500
mA
–
Current consumption;
I
q = II - IQ
I
q
–
240
300
µA
I
Q ≤ 1 mA, Tj < 85 °C
Current consumption;
I
q = II - IQ
I
q
–
250
700
µA
I
Q = 10 mA
Current consumption;
I
q = II - IQ
I
q
–2
8
mA
I
Q = 50 mA
Drop voltage
V
dr
–0.25
0.5
V
I
Q = 100 mA
1)
Load regulation
∆V
Q
–10
30
mV
I
Q = 5 mA to 100 mA
Line regulation
∆V
Q
–10
40
mV
V
I = 6 V to 26 V,
I
Q = 1 mA
Table 4
Absolute Maximum Ratings (cont’d)
T
j = -40 to 150 °C
Parameter
Symbol
Limit Values
Unit
Notes
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com