Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4269 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4269
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4269 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4269 Datasheet HTML 3Page - Infineon Technologies AG TLE4269 Datasheet HTML 4Page - Infineon Technologies AG TLE4269 Datasheet HTML 5Page - Infineon Technologies AG TLE4269 Datasheet HTML 6Page - Infineon Technologies AG TLE4269 Datasheet HTML 7Page - Infineon Technologies AG TLE4269 Datasheet HTML 8Page - Infineon Technologies AG TLE4269 Datasheet HTML 9Page - Infineon Technologies AG TLE4269 Datasheet HTML 10Page - Infineon Technologies AG TLE4269 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TLE 4269
Data Sheet
7
Rev. 2.4, 2007-03-20
Table 4
Absolute Maximum Ratings
T
j = -40 to 150 °C
Parameter
Symbol
Limit Values
Unit
Notes
Min.
Max.
Input
Input voltage
V
I
-
40
45
V
–
Input current
I
I
–
–
–
internal limited
Sense Input
Input voltage
V
SI
-
40
45
V
–
Input current
I
SI
11mA
–
Reset Threshold
Voltage
V
RADJ
-
0.3
7
V
–
Current
I
RADJ
-
10
10
mA
–
Reset Delay
Voltage
V
D
-
0.3
7
V
–
Current
I
D
–
–
–
internal limited
Ground
Current
I
GND
50
–
mA
–
Reset Output
Voltage
V
R
-
0.3
7
V
–
Current
I
R
–
–
–
internal limited
Sense Output
Voltage
V
SO
-
0.3
7
V
–
Current
I
SO
–
–
–
internal limited
5-V Output
Output voltage
V
Q
-
0.5
7
V
–
Output current
I
Q
-10
–
mA
–
Temperature
Junction temperature
T
j
–150
°C–
Storage temperature
T
Stg
-
50
150
°C–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com