Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4269 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4269
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4269 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4269 Datasheet HTML 1Page - Infineon Technologies AG TLE4269 Datasheet HTML 2Page - Infineon Technologies AG TLE4269 Datasheet HTML 3Page - Infineon Technologies AG TLE4269 Datasheet HTML 4Page - Infineon Technologies AG TLE4269 Datasheet HTML 5Page - Infineon Technologies AG TLE4269 Datasheet HTML 6Page - Infineon Technologies AG TLE4269 Datasheet HTML 7Page - Infineon Technologies AG TLE4269 Datasheet HTML 8Page - Infineon Technologies AG TLE4269 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Type
Package
TLE 4269 G
PG-DSO-8-16
TLE 4269 GM
PG-DSO-14-30
TLE 4269 GL
PG-DSO-20-35
5-V Low Drop Fixed Voltage Regulator
TLE 4269
^
P-DSO-8-3, -6, -7, -8, -9
P-DSO-14-3, -8, -9, -11, 14
P/PG-DSO-20-1,-6,-7,-9,-14,-
Data Sheet
1
Rev. 2.4, 2007-03-20
Features
•
Output voltage tolerance
≤ ±2%
•
150 mA current capability
•
Very low current consumption
•
Early warning
•
Reset output low down to
V
Q = 1 V
•
Overtemperature protection
•
Reverse polarity proof
•
Adjustable reset threshold
•
Very low drop voltage
•
Wide temperature range
•
Integrated pull-up resistor at logic outputs
•
Green Product (RoHS compliant)
•
AEC Qualified
Functional Description
This device an automotive suited voltage regulator with a
fixed 5-V output. The maximum operating voltage is
45 V. The output is able to drive 150 mA load. It is short
circuit protected and the thermal shutdown switches the
output off if the junction temperature is in excess of
150
°C. A reset signal is generated for an output voltage
of
V
Q < 4.65 V.
The reset threshold voltage can be
decreased by external connection of a voltage divider.
The reset delay time can be set by an external capacitor.
Reset and sense output have integrated pull-up
resistors. If the integrated resistors are not desired TLE 4279 can be used. It is also
possible to supervise the input voltage by using an integrated comparator to give a low
voltage warning.


Similar Part No. - TLE4269

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4269 SIEMENS-TLE4269 Datasheet
222Kb / 19P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE42694 INFINEON-TLE42694 Datasheet
993Kb / 29P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694 INFINEON-TLE42694 Datasheet
756Kb / 29P
Low Dropout Fixed Voltage Regulator
Rev. 1.2, November 2010
TLE42694-2 INFINEON-TLE42694-2 Datasheet
1Mb / 20P
Low Dropout Fixed Voltage Regulator
Rev. 1.0, 2012-07-03
TLE42694-2EL INFINEON-TLE42694-2EL Datasheet
1Mb / 20P
Low Dropout Fixed Voltage Regulator
Rev. 1.0, 2012-07-03
More results

Similar Description - TLE4269

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4271-2 INFINEON-TLE4271-2_07 Datasheet
366Kb / 23P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.7, 2007-06-25
TLE4268 INFINEON-TLE4268_07 Datasheet
333Kb / 17P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 1.5, 2007-03-20
TLE4473GV53 INFINEON-TLE4473GV53_08 Datasheet
292Kb / 16P
Dual Low Drop Voltage Regulator Output 2: 180 mA, 5 V (짹2%)
Rev. 1.1, 2008-09-19
TLE4276-2 INFINEON-TLE4276-2 Datasheet
281Kb / 16P
Low Drop Voltage Regulator 5 V or variable output voltage Output voltage tolerance ??짹2%
Rev. 1.1, 2007-09-21
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4278G INFINEON-TLE4278G_07 Datasheet
212Kb / 20P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 1.4, 2007-02-19
TLE4264-2 INFINEON-TLE4264-2_08 Datasheet
204Kb / 11P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹3% (짹2% up to 50 mA)
Rev. 2.6, 2008-03-10
TLE4264 INFINEON-TLE4264_08 Datasheet
192Kb / 11P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.3, 2008-03-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com