Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX202C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX202C/D
Description  5V, RS-232 Transceivers with 0.1關F External Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX202C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX202C/D Datasheet HTML 7Page - Maxim Integrated Products MAX202C/D Datasheet HTML 8Page - Maxim Integrated Products MAX202C/D Datasheet HTML 9Page - Maxim Integrated Products MAX202C/D Datasheet HTML 10Page - Maxim Integrated Products MAX202C/D Datasheet HTML 11Page - Maxim Integrated Products MAX202C/D Datasheet HTML 12Page - Maxim Integrated Products MAX202C/D Datasheet HTML 13Page - Maxim Integrated Products MAX202C/D Datasheet HTML 14Page - Maxim Integrated Products MAX202C/D Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
+5V, RS-232 Transceivers
with 0.1µF External Capacitors
11
MAX202 Pin Configuration/Typical Operating Circuit
TOP VIEW
+5V INPUT
+5V TO +10V
VOLTAGE DOUBLER
+10V TO -10V
VOLTAGE INVERTER
GND
C1+
C1-
0.1FF
0.1FF
+6.3V
16
2
1
0.1FF
+6.3V
0.1FF
+16V
+10V
-10V
V+
V-
T1OUT
R2IN
T2OUT
3
+5V
+5V
5kI
5kI
T1IN
400kI
400kI
T2IN
R2OUT
11
10
9
R1OUT
12
TTL/CMOS
INPUTS
TTL/CMOS
OUTPUTS
RS-232
OUTPUTS
RS-232
INPUTS
15
8
R1IN 13
7
14
6
C2+
C2-
4
0.1FF
+16V
5
T1
T2
R1
R2
16
15
14
13
12
11
9
1
2
3
4
5
6
8
VCC
GND
T1OUT
C2+
R1IN
C1-
V+
C1+
MAX202
R1OUT
T1IN
R2OUT
R2IN
V-
10
7
T2IN
T2OUT
C2-
DIP/SO/WIDE SO
VCC
MAX202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com