Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX202C/D Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX202C/D
Description  5V, RS-232 Transceivers with 0.1關F External Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX202C/D Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX202C/D Datasheet HTML 14Page - Maxim Integrated Products MAX202C/D Datasheet HTML 15Page - Maxim Integrated Products MAX202C/D Datasheet HTML 16Page - Maxim Integrated Products MAX202C/D Datasheet HTML 17Page - Maxim Integrated Products MAX202C/D Datasheet HTML 18Page - Maxim Integrated Products MAX202C/D Datasheet HTML 19Page - Maxim Integrated Products MAX202C/D Datasheet HTML 20Page - Maxim Integrated Products MAX202C/D Datasheet HTML 21Page - Maxim Integrated Products MAX202C/D Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
+5V, RS-232 Transceivers
with 0.1µF External Capacitors
18
MAX209 Pin Configuration/Typical Operating Circuit
0.1FF
+5V INPUT
+5V
T1IN
T1OUT 19
400kI
+5V
T2IN
T2OUT 20
400kI
+5V
T3IN
T3OUT 13
400kI
3
16
23
24
7
6
C-
C+
4
5
8
0.1FF
+16V
0.1FF
+16V
RS-232
INPUTS
RS-232
OUTPUTS
TTL/CMOS
OUTPUTS
GND
T3
T1
T2
9V - 13.2V
INPUT
VCC
V+
+10V TO +10V
VOLTAGE INVERTER
TTL/CMOS
INPUTS
24
23
22
21
20
19
18
1
2
3
4
5
6
7
T1IN
T2IN
R2OUT
R2IN
VCC
V+
GND
R1IN
R1OUT
TOP VIEW
MAX209
MAX209
T2OUT
T1OUT
R3IN
R5IN
V-
17
8
R3OUT
16
9
T3IN
15
10
N.C.
R5OUT
14
11
EN
R4OUT
13
12
T3OUT
R4IN
C+
C-
DIP/SO
5kI
R2OUT
R2IN 21
R2
22
1
5kI
R1OUT
R1IN 2
R1
5kI
R3OUT
R3IN 18
R3
17
5kI
R4OUT
R4IN
N.C.
12
15
R4
11
5kI
R5OUT
R5IN 9
R5
10
14 EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com