Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX202C/D Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX202C/D
Description  5V, RS-232 Transceivers with 0.1關F External Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX202C/D Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX202C/D Datasheet HTML 13Page - Maxim Integrated Products MAX202C/D Datasheet HTML 14Page - Maxim Integrated Products MAX202C/D Datasheet HTML 15Page - Maxim Integrated Products MAX202C/D Datasheet HTML 16Page - Maxim Integrated Products MAX202C/D Datasheet HTML 17Page - Maxim Integrated Products MAX202C/D Datasheet HTML 18Page - Maxim Integrated Products MAX202C/D Datasheet HTML 19Page - Maxim Integrated Products MAX202C/D Datasheet HTML 20Page - Maxim Integrated Products MAX202C/D Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
+5V, RS-232 Transceivers
with 0.1µF External Capacitors
17
MAX208 Pin Configuration/Typical Operating Circuit
+5V
T1IN
T1OUT 2
400kI
+5V
T2IN
T2OUT 1
400kI
+5V
T3IN
T3OUT 24
400kI
8
C2-
C2+
C1-
C1+
V+
V-
11
9
15
0.1FF
+16V
0.1FF
+6.3V
0.1FF
0.1FF
+16V
RS-232
INPUTS
RS-232
OUTPUTS
TTL/CMOS
OUTPUTS
GND
T3
+5V
T4IN
T4OUT 20
400kI
T4
T1
T2
0.1FF
+6.3V
+5V INPUT
VCC
+5V TO +10V
VOLTAGE DOUBLER
+10V TO -10V
VOLTAGE INVERTER
TTL/CMOS
INPUTS
24
23
22
21
20
19
18
1
2
3
4
5
6
7
T3OUT
R3IN
R3OUT
T4IN
R2OUT
T1IN
R2IN
T1OUT
T2OUT
TOP VIEW
MAX208
MAX208
T4OUT
T3IN
T2IN
VCC
GND
17
8
R4OUT
16
9
R4IN
15
10
V-
C1+
14
11
C2-
V+
13
12
C2+
C1-
R1OUT
R1IN
DIP/SO
5kI
R2OUT
R2IN 3
R2
5kI
R1OUT
R1IN 7
R1
5kI
R3OUT
R3IN 23
R3
5kI
R4OUT
R4IN 16
R4
19
18
5
14
13
12
10
21
6
4
22
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com