Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX202C/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX202C/D
Description  5V, RS-232 Transceivers with 0.1關F External Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX202C/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX202C/D Datasheet HTML 10Page - Maxim Integrated Products MAX202C/D Datasheet HTML 11Page - Maxim Integrated Products MAX202C/D Datasheet HTML 12Page - Maxim Integrated Products MAX202C/D Datasheet HTML 13Page - Maxim Integrated Products MAX202C/D Datasheet HTML 14Page - Maxim Integrated Products MAX202C/D Datasheet HTML 15Page - Maxim Integrated Products MAX202C/D Datasheet HTML 16Page - Maxim Integrated Products MAX202C/D Datasheet HTML 17Page - Maxim Integrated Products MAX202C/D Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
+5V, RS-232 Transceivers
with 0.1µF External Capacitors
14
MAX205 Pin Configuration/Typical Operating Circuit
+5V INPUT
GND
12
T1OUT
T3OUT
T4OUT
T2OUT
+5V
+5V
+5V
+5V
T1IN
400kI
400kI
400kI
400kI
T2IN
T3IN
T4IN
T5IN
8
7
15
16
TTL/CMOS
INPUTS
RS-232
OUTPUTS
TTL/CMOS
OUTPUTS
RS-232
INPUTS
11
1
2
4
3
T1
T2
T3
T4
T5OUT
+5V
400kI
R1OUT
R1IN
R2IN
R3IN
R4IN
R5IN
SHDN
R2OUT
R3OUT
R4OUT
R5OUT
EN
22
9
6
23
17
14
20
21
10
5
24
18
13
19
T5
R1
R2
R3
R4
R5
VCC
TOP VIEW
24
23
22
21
20
19
17
1
2
3
4
5
6
8
R3IN
R3OUT
T5IN
SHDN
T2OUT
T1OUT
T3OUT
T4OUT
EN
T5OUT
R4OUT
T1IN
R2OUT
18
7
R4IN
T2IN
15
10
T3IN
R1IN
16
9
T4IN
R1OUT
13
12
R5IN
VCC
14
11
R5OUT
GND
R2IN
DIP
5kI
5kI
5kI
5kI
5kI
MAX205
MAX205
0.1FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com