Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6220GP Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE6220GP
Description  Smart Quad Low-Side Switch Short Circuit Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6220GP Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE6220GP_07 Datasheet HTML 1Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 2Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 3Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 4Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 5Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 6Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 7Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 8Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet TLE 6220 GP
V2.1
Page
2007-05-03
3
Maximum Ratings for Tj = – 40°C to 150°C
Parameter
Symbol
Values
Unit
Supply Voltage
VS
-0.3 ... +7
V
Continuous Drain Source Voltage (OUT1...OUT4)
VDS
45
V
Input Voltage, All Inputs and Data Lines
VIN
- 0.3 ... + 7
V
Load Dump Protection VLoad Dump = UP+US; UP=13.5 V
With Automotive Injector Valve RL = 14
Ω
RI
1
)=2 Ω; td=400ms; IN = low or high
With RL= 6.8
Ω (ID = 2A)
RI=2 Ω; td=400ms; IN = low or high
V
Load
Dump
2
)
62
52
V
Operating Temperature Range
Storage Temperature Range
Tj
Tstg
- 40 ... + 150
- 55 ... + 150
°C
Output Current per Channel (see el. characteristics)
ID(lim)
ID(lim) min
A
Output Current per Channel @ TA = 25°C
(All 4 Channels ON; Mounted on PCB )
3
)
ID
1
A
Output Clamping Energy
ID = 1A
EAS
50
mJ
Power Dissipation (DC, mounted on PCB) @ TA = 25°C
Ptot
3
W
Electrostatic Discharge Voltage (human body model)
according to MIL STD 883D, method 3015.7 and EOS/ESD
assn. standard S5.1 - 1993
VESD
2000
V
DIN Humidity Category, DIN 40 040
E
IEC Climatic Category, DIN IEC 68-1
40/150/56
Thermal resistance
junction – case (die soldered on the frame)
junction - ambient @ min. footprint
junction - ambient @ 6 cm
2 cooling area
RthJC
RthJA
2
50
38
K/W
1
) R
I=internal resistance of the load dump test pulse generator LD200
2
) V
LoadDump is setup without DUT connected to the generator per ISO 7637-1 and DIN 40 839.
3
) Output current rating so long as maximum junction temperature is not exceeded. AtT
A = 125 °C the output
current has to be calculated using RthJA according mounting conditions.
PCB with heat pipes,
backside 6 cm
2 cooling area
Minimum footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com