Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6220GP Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE6220GP
Description  Smart Quad Low-Side Switch Short Circuit Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6220GP Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE6220GP_07 Datasheet HTML 2Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 3Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 4Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 5Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 6Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 7Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 8Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 9Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Data Sheet TLE 6220 GP
V2.1
Page
2007-05-03
6
Functional Description
The TLE 6220 GP is an quad-low-side power switch which provides a serial peripheral interface
(SPI) to control the 4 power DMOS switches, as well as diagnostic feedback. The power transis-
tors are protected against short to VBB, overload, overtemperature and against overvoltage by
an active zener clamp.
The diagnostic logic recognises a fault condition which can be read out via the serial diagnostic
output (SO).
Circuit Description
Power Transistor Protection Functions
9)
Each of the four output stages has its own zener clamp, which causes a voltage limitation at the
power transistor when solenoid loads are switched off. The outputs are provided with a current
limitation set to a minimum of 3 A. The continuous current for each channel is 1A (all channels
ON; depending on cooling).
Each output is protected by embedded protection functions. In the event of an overload or
short to supply, the current is internally limited and the corresponding bit combination is set
(early warning). If this operation leads to an overtemperature condition, a second protection
level (about 170 °C) will change the output into a low duty cycle PWM (selective thermal shut-
down with restart) to prevent critical chip temperatures.
SPI Signal Description
CS - Chip Select. The system microcontroller selects the TLE 6220 GP by means of the CS
pin. Whenever the pin is in a logic low state, data can be transferred from the µC and vice
versa.
CS High to Low transition: - Diagnostic status information is transferred from the power
outputs into the shift register.
- Serial input data can be clocked in from then on.
- SO changes from high impedance state to logic high or low
state corresponding to the SO bits.
CS Low to High transition: - Transfer of SI bits from shift register into output buffers
- Reset of diagnosis register.
To avoid any false clocking the serial clock input pin SCLK should be logic low state during high
to low transition of
CS . When CS is in a logic high state, any signals at the SCLK and SI pins
are ignored and SO is forced into a high impedance state.
9 )
The integrated protection functions prevent an IC destruction under fault conditions and may not be used in normal operation
or permanently
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com