Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6220GP Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6220GP
Description  Smart Quad Low-Side Switch Short Circuit Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6220GP Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6220GP_07 Datasheet HTML 1Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 2Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 3Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 4Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 5Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 6Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 7Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 8Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Data Sheet TLE 6220 GP
V2.1
Page
2007-05-03
1
Smart Quad Low-Side Switch
Features
Product Summary
• Short Circuit Protection
• Overtemperature Protection
• Overvoltage Protection
• 8 bit Serial Data Input and Diag-
nostic Output (SPI protocol)
• Direct Parallel Control of Four
Channels for PWM Applications
• Cascadable with Other Quad Switches
• Low Quiescent Current
• µC Compatible Input
• Electostatic Discharge (ESD) Protection
• Green Product (RoHS compliant)
• AEC qualified
Application
• µC Compatible Power Switch for 12 V and 24 V Applications
• Switch for Automotive and Industrial System
• Solenoids, Relays and Resistive Loads
• Injectors
• Robotic controls
General Description
Quad Low-Side Switch in Smart Power Technology (SPT) with a Serial Peripheral Interface (SPI) and
four open drain DMOS output stages. The TLE 6220 GP is protected by embedded protection functions
and designed for automotive and industrial applications. The output stages can be controlled direct in
parallel for PWM applications (injector coils), or through serial control via the SPI. Therefore the TLE
6220 GP is particularly suitable for engine management and powertrain systems.
Block Diagram
Supply voltage
VS
4.5 – 5.5
V
Drain source voltage
VDS(AZ) max
60
V
On resistance
RON
0.32
Ω
Output current (all outp. ON equal)
ID(NOM)
1
A
(individually)
3
A
PG-DSO-20-37
FAULT
RESET
CS
Output Stage
Output Control
Buffer
Serial Interface
SPI
LOGIC
SCLK
SI
8
4
GND
VS
SO
1
4
IN1
IN2
IN3
IN4
OUT1
OUT4
PRG
VBB
VS
as Ch. 1
as Ch. 1
as Ch. 1
8
GND
normal function
SCB / overload
open load
short to ground


Similar Part No. - TLE6220GP_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6220GP INFINEON-TLE6220GP_09 Datasheet
378Kb / 19P
Smart Quad Low-Side Switch
V2.2 2009-11-18
More results

Similar Description - TLE6220GP_07

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE5216G SIEMENS-TLE5216G Datasheet
88Kb / 17P
Smart Quad Channel Low-Side Switch
logo
Infineon Technologies A...
TLE6220GP INFINEON-TLE6220GP Datasheet
739Kb / 17P
Smart Quad Low-Side Switch???
V1.1 26.Aug. 2002
TLE6225G INFINEON-TLE6225G Datasheet
238Kb / 9P
Smart Quad Low-Side Switch?
V2.1 26.Aug. 2002 1
TLE6228GP INFINEON-TLE6228GP Datasheet
753Kb / 18P
Smart Quad Channel Low-Side Switch?
V3.1 26. Aug. 2002 1
TLE6216G INFINEON-TLE6216G Datasheet
267Kb / 17P
Smart Quad Channel Low-Side Switch
V7.1 18.10.02
TLE6217G INFINEON-TLE6217G Datasheet
207Kb / 20P
Smart Quad Channel Low-Side Switch
V5 30. 07. 2002
Q67006-A9315 INFINEON-Q67006-A9315 Datasheet
740Kb / 17P
Smart Quad Low-Side Switch
V1.1 26.Aug. 2002
TLE6228GP INFINEON-TLE6228GP_10 Datasheet
1Mb / 19P
Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
TLE6217G INFINEON-TLE6217G_08 Datasheet
391Kb / 19P
Smart Quad Channel Low-Side Switch
Rev. 6.1, 2008-04
TLE6220GP INFINEON-TLE6220GP_09 Datasheet
378Kb / 19P
Smart Quad Low-Side Switch
V2.2 2009-11-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com