Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6220GP Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE6220GP
Description  Smart Quad Low-Side Switch Short Circuit Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6220GP Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE6220GP_07 Datasheet HTML 7Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 8Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 9Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 10Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 11Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 12Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 13Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 14Page - Infineon Technologies AG TLE6220GP_07 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Data Sheet TLE 6220 GP
V2.1
Page
2007-05-03
11
Diagnostics
FAULT
- Fault pin. There is a general fault pin (open drain) which shows a high to low transi-
tion as soon as an error occurs for any one of the four channels. This fault indication can be
used to generate a µC interrupt. Therefore a ‘diagnosis’ interrupt routine need only be called
after this fault indication. This saves processor time compared to a cyclic reading of the SO in-
formation.
As soon as a fault occurs, the fault information is latched into the diagnosis register. A new er-
ror will over-write the old error report. Serial data out pin (SO) is in a high impedance state
when
CS is high. If CS receives a LOW signal, all diagnosis bits can be shifted out serially.
The rising edge of
CS will reset all error registers.
Full Diagnosis
For full diagnosis there are two diagnostic bits per channel configured as shown in Figure 1.
Normal function: The bit combination HH indicates that there is no fault condition, i.e. normal
function.
Overload, Short Circuit to Battery (SCB) or Overtemperature:HL is set when the current
limitation gets active, i.e. there is a overload, short to supply or overtemperature condition.
Open load: An open load condition is detected when the drain voltage decreases below 3 V
(typ.). LH bit combination is set.
Short Circuit to GND: If a drain to ground short circuit exists and the drain to ground current
exceeds 100 µA, short to ground is detected and the LL bit combination is set.
A definite distinction between open load and short to ground is guaranteed by design.
The standard way of obtaining diagnostic information is as follows:
Clock in serial information into SI pin and wait approximately 150 µs to allow the outputs to set-
tle. Clock in the identical serial information once again - during this process the data coming out
at SO contains the bit combinations representing the diagnosis conditions as described in Fig-
ure 1.
Diagnostic Serial OUT (SO)
HH
Normal function
HL
Overload, Shorted Load or Overtemperature
LH
Open Load
LL
Shorted to Ground
Ch.4
Ch.3
Ch.2
Ch.1
7
6
5
4
3
2
1
0
Figure 1: Two bits per channel diagnostic feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com