Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4296 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4296
Description  Low Drop Voltage Regulator Three versions: 3.0 V, 3.3 V, 5.0 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4296 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4296_08 Datasheet HTML 4Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 5Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 6Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 7Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 8Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 9Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 10Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 11Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TLE 4296
Data Sheet
9
Rev. 1.1, 2008-04-21
Figure 3
Application Circuit
Application Information
In the TLE 4296 G the output voltage is divided and compared to an internal reference
of 2.5 V typical. The regulation loop controls the output to achieve a stabilized output
voltage.
Figure 3 shows a typical application circuit. In order to maintain the stability of the control
loop the TLE 4296 G output requires an output capacitor
C
Q of at least 2.2 µF with an
ESR of max. 10
Ω and min. 3 Ω. It is recommended to use tantalum (e.g. the EPCOS
3.3
µF / 16V B45196P3335M209 or 4.7 µF / 10 V B45196-P2475M109) or a multi layer
ceramic capacitor with a series resistor in order to cover these limits over the full
operating temperature range of -40
°C to 150 °C.
At the input of the regulator an input capacitor is necessary for compensating line
influences (100 nF ceramic capacitor recommended). A resistor of approx. 1
Ω in series
with
C
I, can damp any oscillation occurring due the input inductivity and the input
capacitor.
TLE 4296 G
C Ι
AES02313
100 nF
1
Inhibit
3
4
2,5
CQ
2.2
µF
3.0V / 3.3V / 5.0V
GND
INH
Ι
VQ
+ 0.5 V to 45 V
,nom
Q
RQ
3.3
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com