Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4296 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4296
Description  Low Drop Voltage Regulator Three versions: 3.0 V, 3.3 V, 5.0 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4296 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4296_08 Datasheet HTML 1Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 2Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 3Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 4Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 5Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 6Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 7Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 8Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Data Sheet
2
Rev. 1.1, 2008-04-21
TLE 4296
Figure 1
Pin Configuration (top view)
Table 1
Pin Definitions and Functions
Pin No.
Symbol
Function
1INH
Inhibit input; high level to turn IC on
2GND
Ground; connected to pin 5
3I
Input voltage
4Q
Output voltage; must be blocked by a capacitor
C
Q ≥ 2.2 µF, 3 Ω ≤ ESR ≤ 10 Ω
5GND
Ground; connected to pin 2
AEP02253
2
3
1
4
5
INH
GND
Ι
GND
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com