Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4296 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4296
Description  Low Drop Voltage Regulator Three versions: 3.0 V, 3.3 V, 5.0 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4296 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4296_08 Datasheet HTML 4Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 5Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 6Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 7Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 8Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 9Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 10Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 11Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Data Sheet
10
Rev. 1.1, 2008-04-21
TLE 4296
Package Outlines
O
Figure 4
Outline PG-SCT595-5
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products
and to be compliant with government regulations the device is available as a green
product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable
for Pb-free soldering according to IPC/JEDEC J-STD-020).
GPW05997
1.1 MAX.
0.1 MAX.
(2.2)
(0.3)
(1.45)
(0.4)
1)
1) Contour of slot depends on profile
of gull-wing lead form
1.2 -0.05
+0.1
±0.2
2.9
B
0.3 -0.05
+0.1
+0.1
0.6 -0.05
0.95
1.9
B
M
0.25
A
0.15 -0.06
+0.1
0.2 M A
3
4
5
2
1
You can find all of our packages, sorts of packing and others in our
Infineon Internet Page “Products”: http://www.infineon.com/packages.
Dimensions in mm
SMD = Surface Mounted Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com