Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4296 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4296
Description  Low Drop Voltage Regulator Three versions: 3.0 V, 3.3 V, 5.0 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4296 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4296_08 Datasheet HTML 1Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 2Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 3Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 4Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 5Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 6Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 7Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 8Page - Infineon Technologies AG TLE4296_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Type
Package
Marking
TLE 4296 GV30
PG-SCT595-5
C3
TLE 4296 GV33
PG-SCT595-5
C2
TLE 4296 GV50
PG-SCT595-5
C1
Low Drop Voltage Regulator
TLE 4296
PG-SCT595-5
Data Sheet
1
Rev. 1.1, 2008-04-21
Features
•
Three versions: 3.0 V, 3.3 V, 5.0 V
•
Output voltage tolerance
≤ ±4%
•
Very low drop voltage
•
Output current: 30 mA
•
Inhibit input
•
Low quiescent current consumption
•
Wide operation range: up to 45 V
•
Wide temperature range: -40
°C ≤ T
j ≤ 150 °C
•
Output protected against short circuit
•
Overtemperature protection
•
Reverse polarity proof
•
Very small SMD-Package PG-SCT595-5
•
Green product (RoHS compliant)
•
AEC qualified
Functional Description
The TLE 4296 G is a monolithic integrated low drop voltage regulator in the very small
SMD package PG-SCT595-5. It is designed to supply e.g. microprocessor systems
under the severe conditions of automotive applications. Therefore the device is equipped
with additional protection functions against overload, short circuit and reverse polarity.
At overtemperature the regulator is automatically turned off by the integrated thermal
protection circuit.
nput voltages up to 40 V are regulated to
V
Q,nom = 3.0 V (V30 version) 3.3 V (V33
version) or 5.0 V (V50 version). The output is able to drive a load of more than 30 mA
while it regulates the output voltage within a 4% accuracy.
To save energy the device can be switched in stand-by mode via an inhibit input which
causes the current consumption to drop below 5
µA.


Similar Part No. - TLE4296_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2 Datasheet
217Kb / 11P
Low Drop Voltage Regulator
Rev. 1.0, 2004-01-01
TLE4296-2 INFINEON-TLE4296-2 Datasheet
225Kb / 12P
Low Drop Voltage Regulator Two versions: 3.3 V, 5.0 V
Rev. 1.1, 2008-01-28
TLE4296-2GV33 INFINEON-TLE4296-2GV33 Datasheet
217Kb / 11P
Low Drop Voltage Regulator
Rev. 1.0, 2004-01-01
TLE4296-2GV33 INFINEON-TLE4296-2GV33 Datasheet
225Kb / 12P
Low Drop Voltage Regulator Two versions: 3.3 V, 5.0 V
Rev. 1.1, 2008-01-28
TLE4296-2GV33 INFINEON-TLE4296-2GV33 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
More results

Similar Description - TLE4296_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4275 ONSEMI-NCV4275 Datasheet
80Kb / 12P
5.0 V Low-Drop Voltage Regulator
August, 2004 ??Rev. 8
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
ON Semiconductor
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4296-2 INFINEON-TLE4296-2_08 Datasheet
225Kb / 12P
Low Drop Voltage Regulator Two versions: 3.3 V, 5.0 V
Rev. 1.1, 2008-01-28
TLE4266-2 INFINEON-TLE4266-2_08 Datasheet
212Kb / 12P
Low Drop Voltage Regulator Fixed output voltage 5.0 V or 3.3 V
Rev. 1.4, 2008-03-10
TLE4295 INFINEON-TLE4295_08 Datasheet
177Kb / 10P
Low Drop Voltage Regulator Four versions: 2.6 V, 3.0 V, 3.3 V, 5.0 V
Rev. 1.4, 2008-04-21
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com