Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9100LR3 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MRF9100LR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9100LR3 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRF9100LR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MRF9100LR3 MRF9100LSR3
3
RF Device Data
Freescale Semiconductor
Z1
R2
C1
R3
RF
INPUT
RF
OUTPUT
VGG
VDD
DUT
R1
C2
C3
C4
C12
C15
Z2
Z3
Z4
Z5
Z6
Z7
Z8
Z9
Z10
Z11
Z12
Z13
C13
C6
C5
C14
C11
C7
C10
C8
C9
Figure 1. MRF9100L Test Circuit Schematic
+
Table 5. MRF9100L Test Circuit Component Designations and Values
Designators
Description
C1, C13
22 pF, 100B Chip Capacitors, ATC #100B220GW
C2, C12
2.2 pF, 100B Chip Capacitors, ATC #100B2R2BW
C3
6.8 pF, 100B Chip Capacitor, ATC #100B6R8CW
C4, C5
10 pF, 100B Chip Capacitors, ATC #100B100GW
C6, C14
33 pF, 100B Chip Capacitors, ATC #100B330JW
C7, C8, C9, C10
4.7 pF, 100B Chip Capacitors, ATC #100B4R7BW
C11
2.7 pF, 100B Chip Capacitor, ATC #100B2R7BW
C15
10 μF, 35 V Tantalum Chip Capacitor, Vishay-Sprague #293D106X9035D
R1, R2
10 kW, 1/8 W Chip Resistors (0805)
R3
1 kW, 1/8 W Chip Resistor (0805)
Z1
0.495″ x 0.087″ Microstrip
Z2
0.657″ x 0.087″ Microstrip
Z3
0.324″ x 0.087″ Microstrip
Z4
0.429″ x 0.087″ Microstrip
Z5
0.250″ x 0.790″ Microstrip
Z6
0.535″ x 0.790″ Microstrip
Z7
0.312″ x 0.790″ Microstrip
Z8
0.409″ x 0.790″ Microstrip
Z9
0.432″ x 0.087″ Microstrip
Z10
0.220″ x 0.087″ Microstrip
Z11
0.828″ x 0.087″ Microstrip
Z12
0.485″ x 0.087″ Microstrip
Z13
1.602″ x 0.087″ Microstrip
Substrate
Taconic TLX8, Thickness 0.8 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com