Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9100LR3 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF9100LR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9100LR3 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF9100LR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
RF Device Data
Freescale Semiconductor
MRF9100LR3 MRF9100LSR3
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model
1 (Minimum)
Machine Model
M3 (Minimum)
Charge Device Model
C7 (Minimum)
Table 4. Electrical Characteristics (TC = 25°C, 50 ohm system unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
(VDS = 65 Vdc, VGS = 0 Vdc)
IDSS
—
—
10
μAdc
Zero Gate Voltage Drain Current
(VDS = 26 Vdc, VGS = 0 Vdc)
IDSS
—
—
1
μAdc
Gate-Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
—
—
1
μAdc
On Characteristics
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 500 μAdc)
VGS(th)
2
—
4
Vdc
Gate Quiescent Voltage
(VDS = 26 Vdc, ID = 800 mAdc)
VGS(Q)
3
—
5
Vdc
Drain-Source On-Voltage
(VGS = 10 Vdc, ID = 2 Adc)
VDS(on)
—
0.19
0.5
Vdc
Dynamic Characteristics (1)
Reverse Transfer Capacitance
(VDS = 26 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Crss
—
1.0
—
pF
Functional Tests (In Freescale Test Fixture)
Output Power, 1 dB Compression Point, CW
(VDD = 26 Vdc, IDQ = 800 mA, f = 960 MHz)
P1dB
100
110
—
W
Common-Source Amplifier Power Gain
(VDD = 26 Vdc, Pout = 100 W CW, IDQ = 800 mA,
f = 960 MHz)
Gps
16
17
—
dB
Drain Efficiency
(VDD = 26 Vdc, Pout = 100 W CW, IDQ = 800 mA,
f = 960 MHz)
η
47
51
—
%
Input Return Loss
(VDD = 26 Vdc, Pout = 100 W CW, IDQ = 800 mA,
f1 = 921 MHz and 960 MHz,
f2 = 940 MHz)
IRL
—
—
—
-20
-10
—
dB
Third Order Intermodulation Distortion
(VDD = 26 Vdc, Pout = 100 W PEP, IDQ = 800 mA,
f = Full GSM Band 921-960 MHz, Tone Spacing = 100 kHz)
IMD
—
-30
—
dBc
1. Part is internally matched both on input and output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com