Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9100LR3 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF9100LR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9100LR3 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF9100LR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
RF Device Data
Freescale Semiconductor
MRF9100LR3 MRF9100LSR3
Table 6. GSM 900 Optimized Demo Board Component Designations and Values
Designators
Description
C1
1.0 μF Chip Capacitor, AVX #08053G105ZATEA (0805)
C2, C5
33 pF Chip Capacitors, AVX #08051J330GBT, ACCU-P (0805)
C3, C13, C14
22 μF, 35 V Tantalum Chip Capacitors, Kemet #T491x226K035AS4394
C4
220 μF, 63 V Electrolytic Capacitor Radial, Philips #13668221
C6
5.6 pF Chip Capacitor, AVX #08051J5R6CBT, ACCU-P (0805)
C7
4.7 pF Chip Capacitor, AVX #08051J4R7CBT, ACCU-P (0805)
C8
22 pF Chip Capacitor, AVX #08051J220GBT, ACCU-P (0805)
C9, C10
3.9 pF Chip Capacitors, AVX #08051J3R9BBT, ACCU-P (0805)
C11
2.2 pF Chip Capacitor, AVX #08051J2R2BBT, ACCU-P (0805)
C12
33 pF, 100B Chip Capacitor, ATC #100B330JW
P1
5.0 kW Potentiometer CMS Cermet multi-turn, Bourns #3224W
R1
10 W, 1/8 W Chip Resistor (0805)
R2
1.0 kW, 1/8 W Chip Resistor (0805)
R3
1.2 kW, 1/8 W Chip Resistor (0805)
R4
2.2 kW, 1/8 W Chip Resistor (0805)
R5
100 W, 1/8 W Chip Resistor (0805)
R6
1.0 W, 1/8 W Chip Resistor (0805)
T1
NPN Bipolar Transistor, SOT-23, #BC847
U1
Voltage Regulator, Micro-8, #LP2951
Z1
0.916″ x 0.042″ Microstrip
Z2
0.169″ x 0.042″ Microstrip
Z3
0.212″ x 0.042″ Microstrip
Z4
0.090″ x 0.465″ Microstrip
Z5
0.465″ x 0.842″ Microstrip
Z6
1.776″ x 0.059″ Microstrip
Z7
1.802″ x 0.059″ Microstrip
Z8
1.094″ x 0.592″ Microstrip
Z9
0.085″ x 0.042″ Microstrip
Z10
0.198″ x 0.042″ Microstrip
Z11
0.253″ x 0.191″ + 0.292″ x 0.061″ Microstrip
Z12
0.181″ x 0.042″ Microstrip
Z13
0.282″ x 0.042″ Microstrip
Substrate
Taconic RF35, Thickness 0.5 mm, εr = 3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com