Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9100LR3 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MRF9100LR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9100LR3 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MRF9100LR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF9100LR3 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MRF9100LR3 MRF9100LSR3
11
RF Device Data
Freescale Semiconductor
PACKAGE DIMENSIONS
CASE 465-06
ISSUE G
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M−1994.
2. CONTROLLING DIMENSION: INCH.
3. DELETED
4. DIMENSION H IS MEASURED 0.030 (0.762) AWAY
FROM PACKAGE BODY.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.335
1.345
33.91
34.16
B
0.380
0.390
9.65
9.91
C
0.125
0.170
3.18
4.32
D
0.495
0.505
12.57
12.83
E
0.035
0.045
0.89
1.14
F
0.003
0.006
0.08
0.15
G
1.100 BSC
27.94 BSC
H
0.057
0.067
1.45
1.70
K
0.170
0.210
4.32
5.33
N
0.772
0.788
19.60
20.00
Q
.118
.138
3.00
3.51
R
0.365
0.375
9.27
9.53
STYLE 1:
PIN 1. DRAIN
2. GATE
3. SOURCE
1
3
2
D
G
K
C
E
H
S
F
S
0.365
0.375
9.27
9.52
M
0.774
0.786
19.66
19.96
aaa
0.005 REF
0.127 REF
bbb
0.010 REF
0.254 REF
ccc
0.015 REF
0.381 REF
Q
2X
M
A
M
bbb
B M
T
M
A
M
bbb
B M
T
B
B
(FLANGE)
SEATING
PLANE
M
A
M
ccc
B M
T
M
A
M
bbb
B M
T
AA
(FLANGE)
T
N (LID)
M (INSULATOR)
M
A
M
aaa
B M
T
(INSULATOR)
R
M
A
M
ccc
B M
T
(LID)
MRF9100LR3
NI-780
CASE 465A-06
ISSUE H
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M−1994.
2. CONTROLLING DIMENSION: INCH.
3. DELETED
4. DIMENSION H IS MEASURED 0.030 (0.762) AWAY
FROM PACKAGE BODY.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.805
0.815
20.45
20.70
B
0.380
0.390
9.65
9.91
C
0.125
0.170
3.18
4.32
D
0.495
0.505
12.57
12.83
E
0.035
0.045
0.89
1.14
F
0.003
0.006
0.08
0.15
H
0.057
0.067
1.45
1.70
K
0.170
0.210
4.32
5.33
M
0.774
0.786
19.61
20.02
R
0.365
0.375
9.27
9.53
STYLE 1:
PIN 1. DRAIN
2. GATE
5. SOURCE
1
2
D
K
C
E
H
F
3
U
(FLANGE)
4X
Z
(LID)
4X
bbb
0.010 REF
0.254 REF
ccc
0.015 REF
0.381 REF
aaa
0.005 REF
0.127 REF
S
0.365
0.375
9.27
9.52
N
0.772
0.788
19.61
20.02
U
−−−
0.040
−−−
1.02
Z
−−−
0.030
−−−
0.76
M
A
M
bbb
B M
T
B
B
(FLANGE)
2X
SEATING
PLANE
M
A
M
ccc
B M
T
M
A
M
bbb
B M
T
A
A
(FLANGE)
T
N (LID)
M (INSULATOR)
M
A
M
ccc
B M
T
M
A
M
aaa
B M
T
R (LID)
S (INSULATOR)
MRF9100LSR3
NI-780S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com