Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3450 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3450
Description  LED Driver with Active Power Factor Correction and Phase Dimming Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3450 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM3450 Datasheet HTML 17Page - National Semiconductor (TI) LM3450 Datasheet HTML 18Page - National Semiconductor (TI) LM3450 Datasheet HTML 19Page - National Semiconductor (TI) LM3450 Datasheet HTML 20Page - National Semiconductor (TI) LM3450 Datasheet HTML 21Page - National Semiconductor (TI) LM3450 Datasheet HTML 22Page - National Semiconductor (TI) LM3450 Datasheet HTML 23Page - National Semiconductor (TI) LM3450 Datasheet HTML 24Page - National Semiconductor (TI) LM3450 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
PRIMARY BIAS SUPPLY
The LM3450 requires a supply voltage at V
CC, not to exceed
25V. The device has V
CC under-voltage lockout (UVLO) with
rising and falling thresholds of 12.9V and 7.9V respectively.
A 24V Zener diode should be placed from the V
CC pin to GND
to protect the device from substantial spikes that could cause
damage.
Figure 18 shows how the LM3450 provides a quick way to
generate the necessary primary bias supply at start-up. Since
the AC line peak voltage is always higher than the rating of
the controller, all designs require an N-channel MosFET
(passFET). The passFET (Q
PS) is connected with its drain at-
tached to the rectified AC. The gate of Q
PS is connected to
the BIAS pin which has a stack of 2 Zener diodes internal to
the device. These diodes are then biased from the rectified
AC line through series resistance (R
BS). The source of QPS is
held at a V
GS below the Zener voltage and current flows
through Q
PS to charge up whatever capacitance is present. If
the capacitance is large enough, the source voltage will re-
main relatively constant over the line cycle and this becomes
the input bias supply at V
CC.
This bias circuit enables instant turn-on. However, once the
circuit is operational it is desirable to bootstrap V
CC to an aux-
iliary winding of the inductor or transformer (also used for
ZCD). The two bias paths are each connected to V
CC through
a diode to ensure the higher of the two is providing V
CC cur-
rent. This bootstrapping greatly improves efficiency when
quick start-up is necessary.
To ensure that the auxiliary winding is powering V
CC at all
times except start-up, the LM3450 has a dual BIAS mode. The
BIAS voltage at startup is 20V through two Zener diodes.
When the V
CC UVLO rising threshold is exceeded and the
device turns on, the BIAS pin voltage is reduced to 14V (bot-
tom 6V Zener is shorted). Once the V
CC UVLO falling thresh-
old is reached again, the BIAS pin will return to 20V to attempt
to restart the device.
It should be noted that the large hysteresis of V
CC UVLO and
the dual BIAS mode allow for a large variation of the auxiliary
bias circuitry easing the design of the magnetics.
30127439
FIGURE 18. Primary Bias Circuitry
21
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com