Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3450 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3450
Description  LED Driver with Active Power Factor Correction and Phase Dimming Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3450 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3450 Datasheet HTML 7Page - National Semiconductor (TI) LM3450 Datasheet HTML 8Page - National Semiconductor (TI) LM3450 Datasheet HTML 9Page - National Semiconductor (TI) LM3450 Datasheet HTML 10Page - National Semiconductor (TI) LM3450 Datasheet HTML 11Page - National Semiconductor (TI) LM3450 Datasheet HTML 12Page - National Semiconductor (TI) LM3450 Datasheet HTML 13Page - National Semiconductor (TI) LM3450 Datasheet HTML 14Page - National Semiconductor (TI) LM3450 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
30127422
FIGURE 1. Typical Flyback Application
Theory of Operation
The LM3450 is a single device with both power factor control
(PFC) and phase dimming decoder functions. This device is
designed to control isolated flyback converters and provide
active power factor correction. In addition to being a PFC, the
LM3450 can interpret a phase dimming (frequently called triac
dimming) input and provide a corresponding PWM output to
properly dim an LED load. This combination of features pro-
vides an excellent method to convert a standard AC mains
input to a dimmable LED output of 10-100W. It should be not-
ed that the LM3450 can control a boost converter in a similar
manner. However, this datasheet will focus mostly on the fly-
back topology due to the high demand for isolated LED driver
applications. Discussion of the LM3450 functionality will refer
to Figure 1 component designators.
The PFC control operates in critical conduction mode (CRM)
using zero crossing detection (ZCD) to terminate the off-time.
The PFC portion of this device includes an error amplifier,
multiplier, current sense circuit, zero crossing detector, and
gate driver. The internal error amplifier is used for feedback
of the output voltage in non-isolated designs. However, it can
be disabled for isolated designs where the error amplifier
needs to be on the secondary side.
The phase dimmer decoder detects the dimming angle of the
rectified AC line, decodes, filters and remaps it to a 500Hz
PWM output. The PWM output can then be sent directly, or
through optical isolation, to the dimming input of a second
stage LED driver. To ensure the decoder properly interprets
the dimming angle, dynamic hold is provided which prevents
the phase dimmer from misfiring. The input current is sensed
and when the current drops below a preset minimum, the
system adds more current.
Both the dynamic hold and the decoder are sampled syn-
chronously to reduce the overall efficiency drop due to the
additional hold current. When a decoding sample period oc-
curs, the dynamic hold is activated to ensure a proper angle
is decoded. Because of this sampling method, non-sampled
cycles will potentially cause the phase dimmer to misfire but
should not affect the output LED current regulation. Finally,
the dynamic filter and variable sampling rate provide fast,
smooth dimming transitions.
11
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com