Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3450 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3450
Description  LED Driver with Active Power Factor Correction and Phase Dimming Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3450 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3450 Datasheet HTML 9Page - National Semiconductor (TI) LM3450 Datasheet HTML 10Page - National Semiconductor (TI) LM3450 Datasheet HTML 11Page - National Semiconductor (TI) LM3450 Datasheet HTML 12Page - National Semiconductor (TI) LM3450 Datasheet HTML 13Page - National Semiconductor (TI) LM3450 Datasheet HTML 14Page - National Semiconductor (TI) LM3450 Datasheet HTML 15Page - National Semiconductor (TI) LM3450 Datasheet HTML 16Page - National Semiconductor (TI) LM3450 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
30127424
FIGURE 3. Basic CRM Inductor Current Waveform
CRM BACKGROUND
During critical conduction mode (CRM), a converter operates
at the boundary of continuous conduction mode (CCM) and
discontinuous conduction mode (DCM). This is usually im-
plemented as follows. The main switching MosFET (Q
SW) is
turned on and the inductor current rises to a peak threshold.
Q
SW is then turned off and the current falls until it reaches
zero. At this point, Q
SW is turned on and the cycle repeats.
Near zero voltage switching, enabled by the inductor current
return to zero, gives CRM topologies an efficiency improve-
ment compared to CCM topologies. Figure 3 shows the re-
sulting inductor current waveform, where the average induc-
tor current (I
L) is half of the peak current (IL-MAX).
In a CRM flyback PFC application, the rectified AC input is fed
forward to the control loop, creating a sinusoidal primary peak
current envelope (I
P-pk) as shown in Figure 4. The secondary
peak current envelope (I
S-pk) will simply be a scaled version
of the primary according to the turns ratio of the transformer.
Assuming good attenuation of the switching ripple via the EMI
filter, the average input current (I
IN), represented by the red
line in Figure 4, can also be approximated as a sinusoid pro-
portional to the duty cycle (D(t)):
Since CRM operation is hysteretic and the input voltage is fed-
forward, the input current shaping loop is as fast as possible.
Only the output voltage needs to be regulated with a narrow
bandwidth error amplifier, which greatly simplifies the system
dynamics.
30127425
FIGURE 4. CRM Flyback Current Waveforms
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com