Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3450 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3450
Description  LED Driver with Active Power Factor Correction and Phase Dimming Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3450 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM3450 Datasheet HTML 2Page - National Semiconductor (TI) LM3450 Datasheet HTML 3Page - National Semiconductor (TI) LM3450 Datasheet HTML 4Page - National Semiconductor (TI) LM3450 Datasheet HTML 5Page - National Semiconductor (TI) LM3450 Datasheet HTML 6Page - National Semiconductor (TI) LM3450 Datasheet HTML 7Page - National Semiconductor (TI) LM3450 Datasheet HTML 8Page - National Semiconductor (TI) LM3450 Datasheet HTML 9Page - National Semiconductor (TI) LM3450 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
THERMAL SHUTDOWN
Thermal Limit Threshold
(Note 6)
160
°C
Thermal Limit Hysteresis
20
THERMAL RESISTANCE
θ
JA
Junction to Ambient
TSSOP-16
(Note 6, Note 7)
38.0
°C/W
θ
JC
Junction to Case
10.0
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation
of the device is guaranteed and do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics table. All voltages are with respect to the potential at the GND pin, unless otherwise specified.
Note 2: Refer to National’s packaging website for more detailed information and mounting techniques. http://www.national.com/analog/packaging/
Note 3: Human Body Model, applicable std. JESD22-A114-C. Machine Model, applicable std. JESD22-A115-A. Field Induced Charge Device Model, applicable
std. JESD22-C101-C.
Note 4: All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are 100%
production tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used
to calculate Average Outgoing Quality Level (AOQL).
Note 5: Typical numbers are at 25°C and represent the most likely norm.
Note 6: These electrical parameters are guaranteed by design, and are not verified by test.
Note 7: Junction-to-ambient thermal resistance is highly board-layout dependent. In applications where high maximum power dissipation exists, namely driving
a large MOSFET at high switching frequency from a high input voltage, special care must be paid to thermal dissipation issues during board design. In high-power
dissipation applications, the maximum ambient temperature may have to be derated. Maximum ambient temperature (T
A-MAX) is dependent on the maximum
operating junction temperature (T
J-MAX-OP = 125°C for Q1, or 150°C for Q0), the maximum power dissipation of the device in the application (PD-MAX), and the
junction-to ambient thermal resistance of the package in the application (
θ
JA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com