Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8640 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP8640
Description  Precision High Voltage Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8640 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMP8640 Datasheet HTML 3Page - National Semiconductor (TI) LMP8640 Datasheet HTML 4Page - National Semiconductor (TI) LMP8640 Datasheet HTML 5Page - National Semiconductor (TI) LMP8640 Datasheet HTML 6Page - National Semiconductor (TI) LMP8640 Datasheet HTML 7Page - National Semiconductor (TI) LMP8640 Datasheet HTML 8Page - National Semiconductor (TI) LMP8640 Datasheet HTML 9Page - National Semiconductor (TI) LMP8640 Datasheet HTML 10Page - National Semiconductor (TI) LMP8640 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Ordering Information
Package
Gain
Part Number
Package Marking
Transport Media
NSC Drawing
6-Pin TSOT
20V/V
LMP8640MK-T
AA6A
1k Units Tape and Reel
MK06A
LMP8640MKE-T
250 Units Tape and Reel
LMP8640MKX-T
3k Units Tape and Reel
LMP8640HVMK-T
AB6A
1k Units Tape and Reel
LMP8640HVMKE-T
250 Units Tape and Reel
LMP8640HVMKX-T
3k Units Tape and Reel
6-Pin TSOT
50V/V
LMP8640MK-F
AC6A
1k Units Tape and Reel
MK06A
LMP8640MKE-F
250 Units Tape and Reel
LMP8640MKX-F
3k Units Tape and Reel
LMP8640HVMK-F
AD6A
1k Units Tape and Reel
LMP8640HVMKE-F
250 Units Tape and Reel
LMP8640HVMKX-F
3k Units Tape and Reel
6-Pin TSOT
100V/V
LMP8640MK-H
AE6A
1k Units Tape and Reel
MK06A
LMP8640MKE-H
250 Units Tape and Reel
LMP8640MKX-H
3k Units Tape and Reel
LMP8640HVMK-H
AF6A
1k Units Tape and Reel
LMP8640HVMKE-H
250 Units Tape and Reel
LMP8640HVMKX-H
3k Units Tape and Reel
7
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com