Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8640 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP8640
Description  Precision High Voltage Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8640 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMP8640 Datasheet HTML 8Page - National Semiconductor (TI) LMP8640 Datasheet HTML 9Page - National Semiconductor (TI) LMP8640 Datasheet HTML 10Page - National Semiconductor (TI) LMP8640 Datasheet HTML 11Page - National Semiconductor (TI) LMP8640 Datasheet HTML 12Page - National Semiconductor (TI) LMP8640 Datasheet HTML 13Page - National Semiconductor (TI) LMP8640 Datasheet HTML 14Page - National Semiconductor (TI) LMP8640 Datasheet HTML 15Page - National Semiconductor (TI) LMP8640 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Application Information
GENERAL
The LMP8640 and LMP8640HV are single supply high side
current sense amplifiers with a fixed gain of 20V/V, 50V/V,
100V/V and a common mode voltage range of -2V to 42V or
-2V to 76V depending on the grade.
THEORY OF OPERATION
As seen from the picture below, the current flowing through
R
S develops a voltage drop equal to VSENSE across RS. The
high impedance inputs of the amplifier doesn’t conduct this
current and the high open loop gain of the sense amplifier
forces its non-inverting input to the same voltage as the in-
verting input. In this way the voltage drop across R
IN matches
V
SENSE. A current proportional to IS according to the following
relation:
I
G = VSENSE/RIN = RS*IS/RIN ,
flows entirely in the internal gain resistor R
G developing a
voltage drop equal to
V
RG = IG *RG = (VSENSE/RIN) *RG = ((RS*IS)/RIN)*RG
This voltage is buffered and showed at the output with a very
low impedance allowing a very easy interface of the LMP8640
with other ICs (ADC,
μC…).
V
OUT = 2*(RS*IS)*G,
where G=R
G/RIN = 10V/V, 25V/V, 50V/V, according to the
gain options.
30071403
FIGURE 1. Current monitor
SELECTION OF THE SHUNT RESISTOR
The value chosen for the shunt resistor, R
S, depends on the
application. It plays a big role in a current sensing system and
must be chosen with care. The selection of the shunt resistor
needs to take in account the small-signal accuracy, the power
dissipated and the voltage loss across the shunt itself. In ap-
plications where a small current is sensed, a bigger value of
R
S is selected to minimize the error in the proportional output
voltage. Higher resistor value improves the SNR at the input
of the current sense amplifier and hence gives an accurate
output. Similarly when high current is sensed, the power loss-
es in R
S can be significant so a smaller value of RS is sug-
gested. In this condition is required to take in account also the
power rating of R
S resistor. The low input offset of the
LMP8640 allows the use of small sense resistors to reduce
power dissipation still providing a good input dynamic range.
The input dynamic range is the ratio expressed in dB between
the maximum signal that can be measured and the minimum
signal that can be detected, usually the input offset is the
principal limiting factor.
DRIVING ADC
The input stage of an Analog to Digital converter can be mod-
elled with a resistor and a capacitance versus ground. So if
the voltage source doesn't have a low impedance an error in
the amplitude's measurement will occur. In this case a buffer
is needed to drive the ADC. The LMP8640 has an internal
output buffer able to drive a capacitance load up to 30 pF or
the input stage of an ADC. If required an external low pass
RC filter can be added at the output of the LMP8640 to reduce
the noise and the bandwidth of the current sense.
30071461
FIGURE 2. LMP8640 to ADC interface
DESIGN EXAMPLE
For example in a current monitor application is required to
measure the current sunk by a load (peak current 10A) with
a resolution of 10mA and 0.5% of accuracy. The 10bit analog
to digital converter accepts a max input voltage of 4.1V. More-
over in order to not burn much power on the shunt resistor it
needs to be less than 10m
Ω. In the table below are summa-
rized the other working condition.
Working Condition
Value
Min
Max
Supply Voltage
5V
5.5V
Common mode Voltage
48V
70V
Temperature
0°C
70°C
Signal BW
50kHz
First step – LMP8640 / LMP8640HV selection
The required common mode voltage of the application implies
that the right choice is the LMP8640HV (High common mode
voltage up tp 76V).
Second step – Gain option selection
We can choose between three gain option (20V/V, 50V/V,
100V/V). considering the max input voltage of the ADC
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com