Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8640 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP8640
Description  Precision High Voltage Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8640 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMP8640 Datasheet HTML 1Page - National Semiconductor (TI) LMP8640 Datasheet HTML 2Page - National Semiconductor (TI) LMP8640 Datasheet HTML 3Page - National Semiconductor (TI) LMP8640 Datasheet HTML 4Page - National Semiconductor (TI) LMP8640 Datasheet HTML 5Page - National Semiconductor (TI) LMP8640 Datasheet HTML 6Page - National Semiconductor (TI) LMP8640 Datasheet HTML 7Page - National Semiconductor (TI) LMP8640 Datasheet HTML 8Page - National Semiconductor (TI) LMP8640 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LMP8640/LMP8640HV
September 7, 2010
Precision High Voltage Current Sense Amplifier
General Description
The LMP8640 and the LMP8640HV are precision current
sense amplifiers that detect small differential voltages across
a sense resistor in the presence of high input common mode
voltages with a supply voltage range from 2.7V to 12V.
The LMP8640 accepts input signals with common mode volt-
age range from -2V to 42V, while the LMP8640HV accepts
input signal with common mode voltage range from -2V to
76V. The LMP8640 and LMP8640HV have fixed gain for ap-
plications that demand accuracy over temperature. The
LMP8640 and LMP8640HV come out with three different
fixed gains 20V/V, 50V/V, 100V/V ensuring a gain accuracy
as low as 0.25%. The output is buffered in order to provide
low output impedance. This high side current sense amplifier
is ideal for sensing and monitoring currents in DC or battery
powered systems, excellent AC and DC specifications over
temperature, and keeps errors in the current sense loop to a
minimum. The LMP8640 and LMP8640HV are ideal choice
for industrial, automotive and consumer applications, and it is
available in TSOT-6 package.
Features
Typical values, T
A = 25°C
■ High common-mode voltage range
— LMP8640
-2V to 42V
— LMP8640HV
-2V to 76V
■ Supply voltage range
2.7V to 12V
■ Gain options
20V/V; 50V/V; 100V/V
■ Max gain error
0.25%
■ Low offset voltage
900µV
■ Input bias current
13 μA
■ PSRR
85 dB
■ CMRR (2.1V to 42V)
103 dB
■ Temperature range
-40°C to 125°C
■ 6-Pin TSOT Package
Applications
■ High-side current sense
■ Vehicle current measurement
■ Motor controls
■ Battery monitoring
■ Remote sensing
■ Power management
Typical Application
30071462
LMP™ is a trademark of National Semiconductor Corporation.
© 2010 National Semiconductor Corporation
300714
www.national.com


Similar Part No. - LMP8640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8640 TI1-LMP8640 Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8640 TI1-LMP8640 Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8640 TI1-LMP8640 Datasheet
1Mb / 32P
Precision High Voltage Current Sense Amplifiers
LMP8640 TI2-LMP8640 Datasheet
1Mb / 33P
LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
REVISED NOVEMBER 2014
LMP8640 TI2-LMP8640 Datasheet
1Mb / 32P
LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
REVISED NOVEMBER 2014
More results

Similar Description - LMP8640

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8645 TI-LMP8645_15 Datasheet
1Mb / 30P
LMP8645, LMP8645HV Precision High Voltage Current Sense Amplifier
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
Precision High Voltage Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010 Datasheet
508Kb / 13P
76V Precision, High-Voltage, Current-Sense Amplifier
Rev 2; 1/18
MAX44285 MAXIM-MAX44285 Datasheet
839Kb / 12P
Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
76V Precision, High-Voltage, Current-Sense Amplifier
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com