Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8640 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP8640
Description  Precision High Voltage Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8640 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMP8640 Datasheet HTML 8Page - National Semiconductor (TI) LMP8640 Datasheet HTML 9Page - National Semiconductor (TI) LMP8640 Datasheet HTML 10Page - National Semiconductor (TI) LMP8640 Datasheet HTML 11Page - National Semiconductor (TI) LMP8640 Datasheet HTML 12Page - National Semiconductor (TI) LMP8640 Datasheet HTML 13Page - National Semiconductor (TI) LMP8640 Datasheet HTML 14Page - National Semiconductor (TI) LMP8640 Datasheet HTML 15Page - National Semiconductor (TI) LMP8640 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
(4.1V) , the max Sense voltage across the shunt resistor is
evaluated according the following formula:
V
SENSE= (MAX Vin ADC) / Gain;
hence the max V
SENSE will be 205mV, 82mV, 41mV respec-
tively. The shunt resistor are then evaluated considering the
maximum monitored current :
R
S = (max VSENSE) / I_MAX
For each gain option the max shunt resistors are the follow-
ing : 20.5m
Ω, 8.2mΩ, 4.1mΩ respectively.
One of the project constraints requires RS<10m
Ω, it means
that the 20.5m
Ω will be discarded and hence the 50V/V and
100V/V gain options are still in play.
Third step – Shunt resistor selection
At this point an error budget calculation, considering the cal-
ibration of the Gain, Offset, CMRR, and PSRR, helps in the
selection of the shunt resistor. In the table below the contri-
bution of each error source is calculated considering the
values of the EC Table at 5V supply.
Resolution Calculation
ERROR SOURCE
Rs=4.1m
Ω
Rs=8.1m
Ω
CMRR calibrated ad mid
VCM range
77.9µV
77.9µV
PSRR calibrated at 5V
8.9µV
8.9µV
Total error (squared sum of
contribution)
78µV
78µV
Resolution
(Total error / R
S)
19.2mA
9.6mA
Accuracy Calculation
ERROR SOURCE
Rs=4.1m
Ω
Rs=8.1m
Ω
Tc Vos
182µV
182µV
Nosie
216µV
216µV
Gain drift
75.2µV
151µV
Total error (squared sum of
contribution)
293µV
320µV
Accuracy
100*(Max_V
SENSE / Total
Error)
0.7%
0.4%
From the tables above is clear that the 8.2m
Ω shunt resistor
allows the respect of the project's constraints. The power
burned on the Shunt is 820mW at 10A.
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com