Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8375 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8375
Description  Ultralow Distortion IF VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8375 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8375 Datasheet HTML 5Page - Analog Devices AD8375 Datasheet HTML 6Page - Analog Devices AD8375 Datasheet HTML 7Page - Analog Devices AD8375 Datasheet HTML 8Page - Analog Devices AD8375 Datasheet HTML 9Page - Analog Devices AD8375 Datasheet HTML 10Page - Analog Devices AD8375 Datasheet HTML 11Page - Analog Devices AD8375 Datasheet HTML 12Page - Analog Devices AD8375 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8375
Rev. 0 | Page 9 of 24
–75
–80
–85
–90
–95
–100
–105
–110
–115
–65
–70
–75
–80
–85
–90
–95
–100
–105
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
HD2 –4dB
HD2 0dB
HD2 +10dB
HD2 +20dB
HD3 –4dB
HD3 0dB
HD3 +10dB
HD3 +20dB
Figure 16. Harmonic Distortion vs. Frequency at Four Gain Codes,
VOUT = 2 V p-p
–80
–75
–85
–90
–95
–100
–105
–110
–115
–120
–125
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
–5
–4
–3
–2
–1
0
1
2
3
4
5
POUT (dBm)
HD2 +20dB
HD2 +10dB
HD2 0dB
HD2 –4dB
HD3 +20dB
HD3 +10dB
HD3 0dB
HD3 –4dB
Figure 17. Harmonic Distortion vs. Power at Four Gain Codes,
Frequency 140 MHz
–80
–85
–90
–95
–100
–105
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
HD2 +25°C
HD3 +25°C
HD2 –40°C
HD3 –40°C
HD2 +85°C
HD3 +85°C
Figure 18. Harmonic Distortion vs. Frequency, Three Temperatures,
VOUT = 2 V p-p
–125
–120
–115
–110
–105
–100
–95
–90
–85
–5
–4
–3
–2
–1
0
1234
5
–110
–105
–100
–95
–90
–85
–80
–75
–70
POUT (dBm)
HD3 +25°C
HD3 +85°C
HD3 –40°C
HD2 –40°C
HD2 +25°C
HD2 +85°C
Figure 19. Harmonic Distortion vs. Power, Frequency 140 MHz,
Three Temperatures
35
30
25
20
15
10
5
0
–4
–2
0
2
4
6
8
1012
14
16
1820
GAIN (dB)
46MHz
70MHz
140MHz
200MHz
Figure 20. NF vs. Gain at 46 MHz, 70 MHz, 140 MHz, and 200 MHz
45
40
35
30
25
20
15
10
5
0
0
100
200
300
400
500
600
700
800
900 1000
FREQUENCY (MHz)
AV = 0dB
AV = –4dB
AV = +10dB
AV = +20dB
Figure 21. NF vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com