Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8375 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8375
Description  Ultralow Distortion IF VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8375 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8375 Datasheet HTML 6Page - Analog Devices AD8375 Datasheet HTML 7Page - Analog Devices AD8375 Datasheet HTML 8Page - Analog Devices AD8375 Datasheet HTML 9Page - Analog Devices AD8375 Datasheet HTML 10Page - Analog Devices AD8375 Datasheet HTML 11Page - Analog Devices AD8375 Datasheet HTML 12Page - Analog Devices AD8375 Datasheet HTML 13Page - Analog Devices AD8375 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8375
Rev. 0 | Page 10 of 24
CH1 500mV Ω CH2 500mV Ω M10.0ns 10.0GS/s IT 10.0ps/pt
A CH1
960mV
1
2
Figure 22. Gain Step Time Domain Response
CH1 500mV Ω CH2 500mV Ω M20.0ns 10.0GS/s IT 20.0ps/pt
A CH1
960mV
1
2
Figure 23. ENBL Time Domain Response
R4
M2.5ns 20.0GS/s IT 10.0ps/pt
A CH4
28.0mV
R3
R1
REF1 POSITION
–420mV/DIV
REF1 SCALE
2V
0pF
10pF EACH SIDE
INPUT
REF1 2.0V
2.5ns
Figure 24. Pulse Response to Capacitive Loading, Gain −4 dB
M2.5ns 20.0GS/s IT 10.0ps/pt
A CH4
28.0mV
R3
REF3 POSITION
–600mV/DIV
REF3 SCALE
500mV
0pF
INPUT
R1
10pF EACH SIDE
REF3 500mV 2.5ns
Figure 25. Pulse Response to Capacitive Loading, Gain 20 dB
INPUT
OUTPUT
REF1 50.0mV
REF1
CH2 500mV
M2.5ns 20Gsps
IT 2.5ps/pt
A CH2
–610mV
2
REF1 POSITION
–1.02/DIV
REF1 SCALE
50mV
RISE (C2) 1.384ns
FALL(C2) 1.39ns
Figure 26. Large Signal Pulse Response
0
–5
–10
–15
–20
–25
–30
180
120
60
0
–60
–120
–180
10
100
1000
FREQUENCY (MHz)
Figure 27. S11 vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com