Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8375 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8375
Description  Ultralow Distortion IF VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8375 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8375 Datasheet HTML 9Page - Analog Devices AD8375 Datasheet HTML 10Page - Analog Devices AD8375 Datasheet HTML 11Page - Analog Devices AD8375 Datasheet HTML 12Page - Analog Devices AD8375 Datasheet HTML 13Page - Analog Devices AD8375 Datasheet HTML 14Page - Analog Devices AD8375 Datasheet HTML 15Page - Analog Devices AD8375 Datasheet HTML 16Page - Analog Devices AD8375 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8375
Rev. 0 | Page 13 of 24
APPLICATIONS
BASIC CONNECTIONS
Figure 35 shows the basic connections for operating the
AD8375. A voltage between 4.5 V and 5.5 V should be applied
to the supply pins. Each supply pin should be decoupled with at
least one low inductance, surface-mount ceramic capacitor of
0.1 μF placed as close as possible to the device.
The outputs of the AD8375 are open collectors that need to be
pulled up to the positive supply with 1 μH RF chokes. The
differential outputs are biased to the positive supply and require
ac coupling capacitors, preferably 0.1 μF. Similarly, the input
pins are at bias voltages of about 2 V above ground and should
be ac-coupled as well. The ac coupling capacitors and the RF
chokes are the principle limitations for operation at low
frequencies.
To enable the AD8375, the PWUP pin must be pulled high.
Taking PWUP low puts the AD8375 in sleep mode, reducing
current consumption to 5 mA at ambient.
SINGLE-ENDED-TO-DIFFERENTIAL CONVERSION
The AD8375 can be configured as a single-ended input to
differential output driver as shown in Figure 33. A 150 Ω
resistor in parallel with the input impedance of input pin
provides an impedance matching of 50 Ω. The voltage gain and
the bandwidth of this configuration, using a 150 Ω load,
remains the same as when using a differential input.
5
0.1µF
0.1µF
0.1µF
0.1µF
37.5Ω
150Ω
AD8375
1µH
150Ω
A0 TO A4
1µH
+5V
VCM
0.1µF
50Ω
AC
Figure 33. Single-Ended-to-Differential Conversion
Using a single-ended input decreases the power gain by 3 dB
and limits distortion cancellation. Consequently, the second-
order distortion is degraded. The third-order distortion remains
low to 200 MHz, as shown in Figure 34.
–60
–65
–70
–75
–80
–85
–90
–95
–100
0
200
150
100
50
FREQUENCY (MHz)
HD2
HD3
Figure 34. Harmonic Distortion vs. Frequency of
Single-Ended-to-Differential Conversion
PARALLEL CONTROL INTERFACE
0.1µF
0.1µF
0.1µF
RS
2
RS
2
AC
BALANCED
SOURCE
0.1µF
0.1µF
+VS
RL
BALANCED
LOAD
1µH
1µH
0.1µF
0.1µF
0.1µF
10µF
+VS
COMM VPOS COMM COMM COMM PWUP
19
24
23
22
21
20
A1
A0
VPOS VPOS COMM VPOS
12
78
9
10
11
18
17
16
15
14
13
1
2
3
4
5
6
VCOM
VIN+
VIN–
A4
A3
A2
VOUT–
VOUT+
VOUT–
VOUT+
COMM
VPOS
AD8375
Figure 35. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com