Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8375 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8375
Description  Ultralow Distortion IF VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8375 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8375 Datasheet HTML 16Page - Analog Devices AD8375 Datasheet HTML 17Page - Analog Devices AD8375 Datasheet HTML 18Page - Analog Devices AD8375 Datasheet HTML 19Page - Analog Devices AD8375 Datasheet HTML 20Page - Analog Devices AD8375 Datasheet HTML 21Page - Analog Devices AD8375 Datasheet HTML 22Page - Analog Devices AD8375 Datasheet HTML 23Page - Analog Devices AD8375 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8375
Rev. 0 | Page 20 of 24
Table 6. Evaluation Board Configuration Options
Components
Function
Default Conditions
C13, C14, C20,
C63, C64, R91
Power Supply Decoupling. Nominal supply decoupling consists a 10 μF
capacitor to ground followed by 0.1 μF capacitors to ground positioned as
close to the device as possible.
C20 = 10 μF (size 3528)
C13, C14, C63, C64 = 0.1 μF
(size 0402)
R91 = 0 Ω (size 0402)
T1, C1, C2, C60,
R1, R2, R9, R10,
R70 to R72
Input Interface. T1 is a 3:1 impedance ratio balun to transform a 50 Ω single-
ended input into a 150 Ω balanced differential signal. R2 grounds one side of
the differential drive interface for single-ended applications. R9, R10, and R70
to R72 are provided for generic placement of matching components. C1 and
C2 are dc blocks.
T1 = TC3-1+ (Mini-Circuits)
C1, C2, C60 = 0.1 μF (size 0402)
R2, R9, R10 = 0 Ω (size 0402)
R1, R70 to R72 = open (size 0402)
T3, C7, C8, C62
L1, L2, R15, R16,
R19, R20, R23 to R25,
R29, R30, R62
Output Interface. C7 and C8 are dc blocks. L1 and L2 provide dc biases for the
output. R19, R20, and R23 to R25 are provided for generic placement of
matching components. The evaluation board is configured to provide a 150 Ω
to 50 Ω impedance transformation with an insertion loss of about 11 dB. T3 is
a 1:1 impedance ratio balun to transform the balanced differential signal to a
single-ended signal. R30 grounds one side of the differential output interface
for single-ended applications.
T3 = ETC1-1-13 (M/A-COM)
C7, C8, C62 = 0.1 μF (size 0402)
L1, L2 = 1 μH (size 0805)
R19, R20 = 61.9 Ω (size 0402)
R23, R25 = 30.9 Ω (size 0402)
R15, R16 = 0 Ω (size 0603)
R30 = 0 Ω (size 0402)
R24, R29, R62 = open (size 0402)
PU, R13, C5
Enable Interface. The AD8375 is enabled by applying a logic high voltage to
the PWUP pin. The device is disabled when the PU switch is set in the position
closest to the PU label, connecting the PWUP pin to ground. The device is
enabled when the PU switch is set in the opposite position, connecting the
PWUP to VPOS.
PU = installed
R13 = 0 Ω (size 0603)
C5 = open (size 0603)
WA0 to WA4
Parallel Interface Control. Used to hardwire A0 through A4 to the desired gain.
The bank of switches, WA4 to WA0, set the binary gain code. WA4 represents
the LSB. WA0 represents the MSB.
WA0 to WA4 = installed
C11
Voltage Reference. Input common-mode voltage ac-coupled to ground by
0.1 μF capacitor, C11.
C11 = 0.1 μF (size 0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com