Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG20271HT1 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMG20271HT1
Description  Enhancement Mode pHEMT Technology (E-pHEMT) High Linearity Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG20271HT1 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMG20271HT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
RF Device Data
Freescale Semiconductor
MMG20271HT1
50 OHM TYPICAL CHARACTERISTICS: 2140 MHz
--60
--20
16
Pout, OUTPUT POWER (dBm)
Figure 10. Single--Carrier W--CDMA Adjacent
Channel Power Ratio versus Output Power
--30
--40
--50
24
22
20
18
TC =85°C
25°C
--40°C
VDD = 5 Vdc, f = 2140 MHz
Single--Carrier W--CDMA, 3.84 MHz Channel Bandwidth
Input Signal PAR = 8.5 dB @ 0.01% Probability(CCDF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com