Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG20271HT1 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MMG20271HT1
Description  Enhancement Mode pHEMT Technology (E-pHEMT) High Linearity Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG20271HT1 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MMG20271HT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
RF Device Data
Freescale Semiconductor
MMG20271HT1
50 OHM APPLICATION CIRCUIT: 2700 MHz
Z3
0.041″ x 0.030″ Microstrip
Z4
0.091″ x 0.021″ Microstrip
Z1
0.056″ x 0.021″ Microstrip
Z2
0.026″ x0.011″ Microstrip
RF
INPUT
Figure 19. MMG20271HT1 Test Circuit Schematic
BIAS
CIRCUIT
Z1
R1
Z3
C6
Z4
C2
RF
OUTPUT
1
2
3
12
11
10
4
5
6
8
9
7
L2
L1
C3
C5
VSUPPLY
R2
C7
Z2
C1
Table 10. MMG20271HT1 Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1
1.8 pF Chip Capicitor
GJM1555C1H1R8BB01D
Murata
C2, C3, C7
18 pF Chip Capacitors
GJM1555C1H180GB01D
Murata
C4
Component Not Used
C5
0.1 μF Chip Capacitor
GRM155R61A104K01D
Murata
C6
1.5 pF Chip Capacitor
GJM1555C1H1R5BB01D
Murata
L1, R2 (1)
0 Ω, 1 A Chip Resistor
ERJ2GE0R00X
Panasonic
L2
23 nH Chip Inductor
0402CS--23NXGL
Coilcraft
R1
220 Ω, 1/16 W Chip Resistor
RC0402FR--07220RL
Yageo
PCB
0.010″, εr = 3.38, Multilayer
IS680--338
Isola
1. Location L1 can be an inductor, resistor or jumper depending on frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com