Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG20271HT1 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMG20271HT1
Description  Enhancement Mode pHEMT Technology (E-pHEMT) High Linearity Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG20271HT1 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMG20271HT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MMG20271HT1
9
RF Device Data
Freescale Semiconductor
50 OHM TYPICAL CHARACTERISTICS: 1900 MHz
37
45
41
43
39
VDD =5 Vdc
1 MHz Tone Spacing
15
19
1750
f, FREQUENCY (MHz)
Figure 13. Small--Signal Gain (S21) versus
Frequency
VDD =5 Vdc
17
18
16
1825
1900
1975
2050
--25
--5
f, FREQUENCY (MHz)
Figure 14. Input Return Loss (S11) versus
Frequency
--15
VDD =5 Vdc
--10
--20
--40
0
f, FREQUENCY (MHz)
Figure 15. Output Return Loss (S22) versus
Frequency
--20
VDD =5 Vdc
--10
--30
25
29
27
26
f, FREQUENCY (MHz)
Figure 16. P1dB versus Frequency
28
VDD =5 Vdc
1800
1850
1900
1950
2000
f, FREQUENCY (MHz)
Figure 17. Third Order Output Intercept
Point versus Frequency
1.6
2.4
f, FREQUENCY (MHz)
Figure 18. Noise Figure versus Frequency
2
1.8
VDD =5 Vdc
2.2
1750
1825
1900
1975
2050
1750
1825
1900
1975
2050
1800
1850
1900
1950
2000
1750
1825
1900
1975
2050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com