Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG20271HT1 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MMG20271HT1
Description  Enhancement Mode pHEMT Technology (E-pHEMT) High Linearity Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG20271HT1 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MMG20271HT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMG20271HT1 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
RF Device Data
Freescale Semiconductor
MMG20271HT1
50 OHM TYPICAL CHARACTERISTICS: 2700 MHz
37
45
41
43
39
VDD =5 Vdc
1 MHz Tone Spacing
12
16
2550
f, FREQUENCY (MHz)
Figure 21. Small--Signal Gain (S21) versus
Frequency
VDD =5 Vdc
14
15
13
2625
2700
2775
2850
--25
--5
f, FREQUENCY (MHz)
Figure 22. Input Return Loss (S11) versus
Frequency
--15
VDD =5 Vdc
--10
--20
--25
--5
f, FREQUENCY (MHz)
Figure 23. Output Return Loss (S22) versus
Frequency
--15
VDD =5 Vdc
--10
--20
25
29
27
26
f, FREQUENCY (MHz)
Figure 24. P1dB versus Frequency
28
VDD =5 Vdc
2600
2650
2700
2750
2800
f, FREQUENCY (MHz)
Figure 25. Third Order Output Intercept
Point versus Frequency
1.4
2.2
f, FREQUENCY (MHz)
Figure 26. Noise Figure versus Frequency
1.8
1.6
VDD =5 Vdc
2
2550
2625
2700
2775
2850
2550
2625
2700
2775
2850
2550
2625
2700
2775
2850
2600
2650
2700
2750
2800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com