Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544E Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MPC8544E
Description  Integrated Processor Hardware Specifications
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544E Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPC8544E Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 117 page
background image
MPC8544E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
28
Freescale Semiconductor
Enhanced Three-Speed Ethernet (eTSEC), MII Management
8.4
SGMII AC Timing Specifications
This section describes the SGMII transmit and receive AC timing specifications. Transmitter and receiver
characteristics are measured at the transmitter outputs (SD2_TX[n] and SD2_TX[n]) or at the receiver
inputs (SD2_RX[n] and SD2_RX[n]) as depicted in Figure 10, respectively.
8.4.1
SGMII Transmit AC Timing Specifications
Table 26 provides the SGMII transmit AC timing targets. A source synchronous clock is not provided.
Input differential voltage
LSTS = 0
Vrx_diffpp
100
—
1200
mV
2, 4
LSTS = 1
175
—
Loss of signal threshold
LSTS = 0
Vlos
30
—
100
mV
3, 4
LSTS = 1
65
—
175
Input AC common mode voltage
Vcm_acpp
——
100
mV
5.
Receiver differential input impedance
Zrx_diff
80
—
120
Ω
—
Receiver common mode input impedance
Zrx_cm
20
—
35
Ω
—
Common mode input voltage
Vcm
xcorevss
—
xcorevss
V
6
Notes:
1. Input must be externally AC-coupled.
2. VRX_DIFFp-p is also referred to as peak-to-peak input differential voltage
3. The concept of this parameter is equivalent to the electrical idle detect threshold parameter in PCI Express. Refer to
Section 17.4.3, “Differential Receiver (RX) Input Specifications,” for further explanation.
4. The LSTS shown in this table refers to the LSTSCD bit field of MPC8544E SerDes 2 control register 1.
5. VCM_ACp-p is also referred to as peak-to-peak AC common mode voltage.
6. On-chip termination to SGND_SRDS2 (xcorevss).
Table 26. SGMII Transmit AC Timing Specifications
At recommended operating conditions with XVDD_SRDS2 = 1.0 V ± 5%.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Deterministic jitter
JD
—
—
0.17
UI p-p
—
Total jitter
JT
—
—
0.35
UI p-p
—
Unit interval
UI
799.92
800
800.08
ps
2
VOD fall time (80%–20%)
tfall
50
—
120
ps
—
VOD rise time (20%–80%)
trise
50
—
120
ps
—
Notes;
1. Source synchronous clock is not supported.
2. Each UI value is 800 ps ± 100 ppm.
Table 25. DC Receiver Electrical Characteristics (continued)
Parameter
Symbol
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com